Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMM5063X Fiches technique(PDF) 7 Page - Eudyna Devices Inc

No de pièce FMM5063X
Description  Ku-Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5063X Fiches technique(HTML) 7 Page - Eudyna Devices Inc

Back Button FMM5063X Datasheet HTML 3Page - Eudyna Devices Inc FMM5063X Datasheet HTML 4Page - Eudyna Devices Inc FMM5063X Datasheet HTML 5Page - Eudyna Devices Inc FMM5063X Datasheet HTML 6Page - Eudyna Devices Inc FMM5063X Datasheet HTML 7Page - Eudyna Devices Inc FMM5063X Datasheet HTML 8Page - Eudyna Devices Inc FMM5063X Datasheet HTML 9Page - Eudyna Devices Inc FMM5063X Datasheet HTML 10Page - Eudyna Devices Inc FMM5063X Datasheet HTML 11Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
IMD vs. OUTPUT POWER
by Drain Current
VDD=6V, f=12.75GHz
Ku-Band Power Amplifier MMIC
FMM5063X
IMD vs. OUTPUT POWER
by Drain Current
VDD=6V, f=14.0GHz
IMD vs. OUTPUT POWER
by Drain Current
VDD=6V, f=15.4GHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
17
19
21
23
25
27
29
31
33
2-tone Total Output Power [dBm]
700mA
900mA
1100mA
IM3
IM5
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
17
19
21
23
25
27
29
31
33
2-tone Total Output Power [dBm]
700mA
900mA
1100mA
IM3
IM5
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
17
19
21
23
25
27
29
31
33
2-tone Total Output Power [dBm]
700mA
900mA
1100mA
IM3
IM5


Numéro de pièce similaire - FMM5063X

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FMM5061VF ETC1-FMM5061VF Datasheet
176Kb / 15P
   X-Band Power Amplifier MMIC
More results

Description similaire - FMM5063X

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com