Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMM5056VF Fiches technique(PDF) 3 Page - Eudyna Devices Inc

No de pièce FMM5056VF
Description  5.8-7.2GHz Power Amplifier MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5056VF Fiches technique(HTML) 3 Page - Eudyna Devices Inc

  FMM5056VF Datasheet HTML 1Page - Eudyna Devices Inc FMM5056VF Datasheet HTML 2Page - Eudyna Devices Inc FMM5056VF Datasheet HTML 3Page - Eudyna Devices Inc FMM5056VF Datasheet HTML 4Page - Eudyna Devices Inc FMM5056VF Datasheet HTML 5Page - Eudyna Devices Inc FMM5056VF Datasheet HTML 6Page - Eudyna Devices Inc FMM5056VF Datasheet HTML 7Page - Eudyna Devices Inc FMM5056VF Datasheet HTML 8Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5.8-7.2GHz Power Amplifier MMIC
3
VGG=-5V f=6.4GHz
900
950
1000
1050
1100
1150
20
25
30
35
40
Output Power [dBm]
DRAIN CURRENT vs OUTPUT POWER
OUTPUT POWER vs. DRAIN VOLTAGE
VGG=-5V, f=6.4GHz
20
22
24
26
28
30
32
34
36
78
9
10
11
Drain Voltage,VDD[V]
Pin=-5dBm
Pin=+3dBm
P1dB
Pin=+11dBm
DRAIN CURRENT vs OUTPUT POWER
VDD=10V, VGG=-5V
900
950
1000
1050
1100
1150
20
22
24
26
28
30
32
34
36
Output Power [dBm]
5.8GHz
6.4GHz
7.2GHz
VDD=10V,VGG=-5V
-5
0
5
10
15
20
25
30
35
Output Power [dBm]
5.8GHz
6.4GHz
7.2GHz
AMPM vs OUTPUT POWER
FMM5056VF
VDD=8V
VDD=9V
VDD=10V


Numéro de pièce similaire - FMM5056VF

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
logo
Fuji Electric
FMM5057VF FUJI-FMM5057VF Datasheet
300Kb / 8P
   7.1-8.5GHz Power Amplifier MMIC
More results

Description similaire - FMM5056VF

FabricantNo de pièceFiches techniqueDescription
logo
Excelics Semiconductor,...
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
RFMA5880-0.1W-02 EXCELICS-RFMA5880-0.1W-02 Datasheet
174Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
logo
List of Unclassifed Man...
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
   5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
United Monolithic Semic...
CHA6552-QJG UMS-CHA6552-QJG_15 Datasheet
735Kb / 18P
   5.8- 8.5GHz Power Amplifier
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G_07 Datasheet
259Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
logo
List of Unclassifed Man...
TAG-1035 ETC1-TAG-1035 Datasheet
492Kb / 2P
   5.8 to 6.4 GHz GaAs MMIC VSAT (C-BAND) Power Amplifier
logo
ATMEL Corporation
ATR7040 ATMEL-ATR7040 Datasheet
118Kb / 8P
   5.8 GHz WDCT Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com