Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZ324 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce AZ324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AZ324 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  AZ324 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ324 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324
5
Issue Date: Jan. 2003
Advanced Analog Circuits
Data Sheet
Rev. 1.0
Typical Characteristics
Figure 4. Input Voltage Range
Figure 5. Input Current
Figure 7. Voltage Gain
Figure 6. Supply Current
Figure 8. Open Loop Frequency Response
0246
8
0
1
2
3
4
5
6
7
8
POSITIVE
NEGATIVE
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
A = 0
oC TO 85oC
1HZ
10HZ
100HZ
1kHZ
10kHZ
100kHZ
1MHZ
0
10
20
30
40
50
60
70
80
90
100
110
T
A: -40
oC TO 85oC V
CC:10V TO 15VDC
VCC - POWER SUPPLY VOLTAGE (V)
VCC - POWER SUPPLY VOLTAGE (V)
f - FREQUENCY (Hz)
Figure 9. Voltage Follower Pulse Response
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
V
CC=15V
t - TIME (uS)
VCC - POWER SUPPLY VOLTAGE (±VDC)
TA - TEMPERATURE (oC)
A
I
D
mA
V
CC
R 10M
V
IN
V
CC/2
V
O
V
CC
0.1uF
0
2
4
6
8
10
12
14
16
18
20
60
70
80
90
100
110
120
R
L=2KΩ
R
L=20KΩ
0
3
1
2
0
1
3
2
0
10
20
304050
VCC =15V
RL = 2KΩ


Numéro de pièce similaire - AZ324

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ324 BCDSEMI-AZ324 Datasheet
57Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324 BCDSEMI-AZ324 Datasheet
269Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324M BCDSEMI-AZ324M Datasheet
57Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324M BCDSEMI-AZ324M Datasheet
269Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324M-E1 BCDSEMI-AZ324M-E1 Datasheet
57Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Description similaire - AZ324

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com