Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

C30645E Fiches technique(PDF) 5 Page - PerkinElmer Optoelectronics

No de pièce C30645E
Description  InGaAs Avalanche Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERKINELMER [PerkinElmer Optoelectronics]
Site Internet  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30645E Fiches technique(HTML) 5 Page - PerkinElmer Optoelectronics

  C30645E Datasheet HTML 1Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 2Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 3Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 4Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
For more information e-mail us at opto@perkinelmer.com or visit our website at
www.optoelectronics.perkinelmer.com.
All values are nominal; specifications subject to change without notice.
© 2004 PerkinElmer, Inc. All rights reserved.
Page 5
Optoelectronics
Headquarters
44370 Christy Street
Fremont, CA 94538-
3180
Phone: (510) 979-5600
(800) 775-6786
Fax: (510) 687-1140
PerkinElmer GmbH & Co. KG
Wenzel-Jaksch-Str.31
65199 Wiesbaden
Phone: +49 611 492 247
Fax: +49 611 492 170
Figure 4. Typical Gain vs (V breakdown - V bias)
Typical Gain vs (V_Breakdown - V_Bias)
1
10
100
02
46
8
10
12
14
Vbr-Vop (V)
InGaAs Avalanche Photodiode C30645E/C30662E Series
PerkinElmer Singapore Pte Ltd.
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65 6775 2022
Fax: +65 6775 1008
PerkinElmer Canada Inc.
16800 Trans-Canada Highway
Kirkland, Quebec H9H 5G7
Canada
Phone: (514) 693-2200
Fax : (514) 693-2210
www. o p t o e l e c t r o n i c s . p e r k i n e l m e r . c o m


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FRM5W232BS Incorporates a 30 micron InGaAs Avalanche Photodiode 1  2  3  4  Fujitsu Component Limited.
G8376 InGaAs PIN photodiode 1  2  Hamamatsu Corporation
KPPF1-LM622 InGaAs PIN Photodiode 1  2  KODENSHI KOREA CORP.
PD8XX2 InGaAs AVALANCHE PHOTO DIODES 1  2  3  Mitsubishi Electric Semiconductor
G8421 InGaAs PIN photodiode 1  2  3  4  Hamamatsu Corporation
PD8XX3 InGaAs AVALANCHE PHOTO DIODES 1  2  3  Mitsubishi Electric Semiconductor
TIED69 avalanche Photodiode 1  2  List of Unclassifed Manufacturers
G8422 InGaAs PIN photodiode 1  2  3  4  Hamamatsu Corporation
PD1M 1mm InGaAs Photodiode 1  2  ANADIGICS, Inc
NDL5531P 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE 1  2  3  4  5  More NEC

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn