Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

C30645E Fiches technique(PDF) 4 Page - PerkinElmer Optoelectronics

No de pièce C30645E
Description  InGaAs Avalanche Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERKINELMER [PerkinElmer Optoelectronics]
Site Internet  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30645E Fiches technique(HTML) 4 Page - PerkinElmer Optoelectronics

  C30645E Datasheet HTML 1Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 2Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 3Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 4Page - PerkinElmer Optoelectronics C30645E Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 2. Spectral Responsivity Curve
InGaAs Avalanche Photodiode C30645E/C30662E Series
Page 4
Page 3
Temp.
Responsivity vs Wavelength
(Estimate for APD, M=10)
0
1
2
3
4
5
6
7
8
9
10
11
12
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
1.8
Wavelength (um)
-20
0
25
70
Figure 3. Typical Gain vs Bias
Typical Gain vs Bias
1
10
100
35
37
39
41
43
45
47
49
51
Vop(V)
www. o p t o e l e c t r o n i c s . p e r k i n e l m e r . c o m


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FRM5W232BS Incorporates a 30 micron InGaAs Avalanche Photodiode 1  2  3  4  Fujitsu Component Limited.
G8376 InGaAs PIN photodiode 1  2  Hamamatsu Corporation
KPPF1-LM622 InGaAs PIN Photodiode 1  2  KODENSHI KOREA CORP.
PD8XX2 InGaAs AVALANCHE PHOTO DIODES 1  2  3  Mitsubishi Electric Semiconductor
G8421 InGaAs PIN photodiode 1  2  3  4  Hamamatsu Corporation
PD8XX3 InGaAs AVALANCHE PHOTO DIODES 1  2  3  Mitsubishi Electric Semiconductor
TIED69 avalanche Photodiode 1  2  List of Unclassifed Manufacturers
G8422 InGaAs PIN photodiode 1  2  3  4  Hamamatsu Corporation
PD1M 1mm InGaAs Photodiode 1  2  ANADIGICS, Inc
NDL5531P 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE 1  2  3  4  5  More NEC

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn