Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PNA1401LF Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce PNA1401LF
Description  Silicon NPN Phototransistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNA1401LF Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  PNA1401LF Datasheet HTML 1Page - Panasonic Semiconductor PNA1401LF Datasheet HTML 2Page - Panasonic Semiconductor PNA1401LF Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Phototransistors
PNA1401LF, PNZ102F
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
Directivity characteristics
ICEO — Ta
10 3
10
1
10 2
Ambient temperature
Ta (˚C )
VCE = 10V
10 –1
– 40
0
40
80
120
VCE = 10V
T = 2856K
ICE(L) — Ta
10
10 –1
1
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
10 –2
Spectral sensitivity characteristics
100
80
60
40
20
Wavelength
λ (nm)
400
600
800
1000
1200
0
200
Ta = 25˚C
tr — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
10 –2
tf — ICE(L)
Collector photo current
I
CE(L) (mA)
VCC = 10V
Ta = 25˚C
10 3
10 2
10
1
10 –1
10 –1
10
10 2
1
10 –2
10 –2
20
90
100
80
70
60
50
40
30
I = 500 lx
100 lx
500
100
RL = 1kΩ
RL = 1kΩ
500
100


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ST-1MLA Photo transistors high-sensitivity NPN silicon phototransistors mounted 1  2  KODENSHI KOREA CORP.
ST-1MLAR2 Photo transistors high-sensitivity NPN silicon phototransistors mounted 1  2  KODENSHI KOREA CORP.
OP593 NPN PLASTIC SILICON PHOTOTRANSISTORS 1  2  3  4  OPTEK Technologies
PNZ107F Silicon NPN Phototransistors 1  2  3  Panasonic Semiconductor
OP600 NPN SILICON PHOTOTRANSISTORS 1  2  OPTEK Technologies
PNZ107 Silicon NPN Phototransistors 1  2  3  4  Panasonic Semiconductor
OP505D Infrared Selected NPN Silicon Phototransistors 1  2  OPTEK Technologies
OP506A NPN SILICON PHOTOTRANSISTORS 1  2  OPTEK Technologies
OP555 NPN SILICON PHOTOTRANSISTORS 1  2  OPTEK Technologies
OP800A NPN SILICON PHOTOTRANSISTORS 1  2  OPTEK Technologies

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn