Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ON1003 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce ON1003
Description  Photo Interrupter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON1003 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  ON1003 Datasheet HTML 1Page - Panasonic Semiconductor ON1003 Datasheet HTML 2Page - Panasonic Semiconductor ON1003 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transmissive Photosensors (Photo Interrupters)
ON1003
IF , IC — Ta
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta = 25˚C
VF — Ta
1.6
1.2
0.8
0.4
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 40 – 20
0
20406080
100
– 40 – 20
0
20406080
100
– 40 – 20
IC — IF
5
3
2
1
4
Forward current
I
F (mA)
5
10152025
0
0
VCE = 5V
Ta = 25˚C
IC — VCE
3
1
2
Collector to emitter voltage
V
CE (V)
1234
6
5
0
0
Ta = 25˚C
IC — Ta
120
80
60
40
20
100
Ambient temperature
Ta (˚C )
0
VCE = 5V
IF = 5mA
ICEO — Ta
1
10 –3
10 –1
10 –4
10 –2
Ambient temperature
Ta (˚C )
VCE = 20V
10 –5
tr — IC
10 2
10
1
Collector current
I
C (mA)
10 –1
110
10 –1
10 –1
10 –2
tf — IC
Collector current
I
C (mA)
10 –1
110
10 –2
10 3
10 2
10
1
10 3
VCC = 5V
Ta = 25˚C
VCC = 5V
Ta = 25˚C
IF
IC
10mA
1mA
IF = 50mA
IF = 20mA
10mA
15mA
5mA
2mA
RL = 2kΩ
RL = 2kΩ
1k
1k
100
100
10%
90%
td
tr
tf
RL
VCC
Sig.
OUT
Sig.
OUT
50
Sig.IN
10%
90%
td
tr
tf
RL
VCC
Sig.
OUT
Sig.
OUT
50
Sig.IN


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CNZ1179 Photo Interrupter 1  2  Panasonic Semiconductor
GP2S05 SUBMINIATURE PHOTO INTERRUPTER WITH LENS 1  2  3  4  Sharp Electrionic Components
CNZ1105 Photo Interrupter For contactless SW object detection 1  2  3  Panasonic Semiconductor
CNZ1215 Photo Interrupter 1  2  Panasonic Semiconductor
TLP871 TOSHIBA PHOTO INTERRUPTER INFRARED LED + PHOTODARLINGTON TRANSISTOR 1  2  3  4  5  More Toshiba Semiconductor
PS4008 PHOTO INTERRUPTER 1  2  NEC
ON1105 Photo Interrupter 1  2  Panasonic Semiconductor
TLP810 PHOTO INTERRUPTER INFRARED LED + PHOTOTRANSISTOR 1  2  3  4  5  More Toshiba Semiconductor
ON1109 Photo Interrupter 1  2  Panasonic Semiconductor
TLP812 PHOTO INTERRUPTER INFRARED LED + PHOTOTRANSISTOR 1  2  3  4  5  More Toshiba Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn