Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMM5804YD Fiches technique(PDF) 6 Page - Eudyna Devices Inc

No de pièce FMM5804YD
Description  K,Ka-Band Power Amplifier MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5804YD Fiches technique(HTML) 6 Page - Eudyna Devices Inc

Back Button FMM5804YD Datasheet HTML 2Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 3Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 4Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 5Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 6Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 7Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 8Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 9Page - Eudyna Devices Inc FMM5804YD Datasheet HTML 10Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
K, Ka-Band Power Amplifier MMIC
ES/FMM5804YD
IMD Performance vs. Total Output Power
by Drain Current
@ freq.=17.5GHz, VDD=6V
∆∆∆∆f=+10MHz, 2-tone test
IMD Performance vs. Total Output Power
by Drain Current
@ freq.=22GHz, VDD=6V
∆∆∆∆f=+10MHz, 2-tone test
IMD Performance vs. Total Output Power
by Drain Current
@ freq.=26GHz, VDD=6V
∆∆∆∆f=+10MHz, 2-tone test
IMD Performance vs. Total Output Power
by Drain Current
@ freq.=30GHz, VDD=6V
∆∆∆∆f=+10MHz, 2-tone test
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
8
10
12 14
161820 2224
26
2-tone Total Output Power (dBm)
200m A
225m A
250m A
275m A
IM3
IM5
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
8
10
12 14
161820 2224
26
2-tone Total Output Power (dBm)
200m A
225m A
250m A
275m A
IM3
IM5
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
8
1012 1416
1820 2224
26
2-tone Total Output Power (dBm)
200m A
225m A
250m A
275m A
IM3
IM5
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
8
1012 1416
1820 2224
26
2-tone Total Output Power (dBm)
200m A
225m A
250m A
275m A
IM3
IM5


Numéro de pièce similaire - FMM5804YD

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
   17.5-31.5GHz Power Amplifier MMIC
More results

Description similaire - FMM5804YD

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com