Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1400 Fiches technique(PDF) 1 Page - Tripath Technology Inc.

No de pièce TDA1400
Description  MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA1400 Fiches technique(HTML) 1 Page - Tripath Technology Inc.

  TDA1400 Datasheet HTML 1Page - Tripath Technology Inc. TDA1400 Datasheet HTML 2Page - Tripath Technology Inc. TDA1400 Datasheet HTML 3Page - Tripath Technology Inc. TDA1400 Datasheet HTML 4Page - Tripath Technology Inc. TDA1400 Datasheet HTML 5Page - Tripath Technology Inc. TDA1400 Datasheet HTML 6Page - Tripath Technology Inc. TDA1400 Datasheet HTML 7Page - Tripath Technology Inc. TDA1400 Datasheet HTML 8Page - Tripath Technology Inc. TDA1400 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
T r ip a t h T e ch n o lo gy, In c . - P r e l i m in a r y In f o r m a t i o n
1
TDA140 0 – Rev . 0 . 65 /KLi /02 . 06
TDA1400
MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING
DIGITAL POWER PROCESSINGTM TECHNOLOGY
Preliminar y Infor m ati o n
Re v i sio n 0.65 – Fe br uar y 2006
GEN E RA L DESCR I PTION
The TDA1400 is a one-channel, Amplifier Driver that uses Tripath’s proprietary Digital Power Processing
(DPP
TM) technology. The TDA1400 offers higher integration over previous Tripath amplifiers driver
chipsets while providing exceptional audio performance for real world applications. Class-T amplifiers
offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
The TDA1400 is typically configured as a single supply, bridged output. This makes the power supply
requirements simpler and maximizes the output power for a given voltage rail. Additionally, the TDA1400
can be configured as a split supply, bridged amplifier, with the addition of some external components. The
TDA1400 is capable of full range operation but the target application is subwoofers due to the high output
power capability and single channel operation.
Applications
Home theater Subwoofers
Car Audio Subwoofers
Professional Active Speakers
High Power consumer full-range amplifier
Benefits
Reduced system cost with smaller/less
expensive power supply and heat sink
Signal fidelity equal to high quality
Class-AB amplifiers
High dynamic range compatible with digital
media such as CD and DVD
Features
Class-T architecture with proprietary DPP
“Audiophile” Sound Quality
Full Audio Bandwidth, 20Hz to 20kHz
High Efficiency
Supports wide range of output power levels
and output loads by changing supply voltage
and external Mosfets
Compatible with unregulated power supplies
Output over-current protection
Over- and under-voltage protection
Over-temperature protection
48-Pin LQFP Package


Numéro de pièce similaire - TDA1400

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TDA1410 ETC-TDA1410 Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
TDA1410H ETC-TDA1410H Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
TDA1410V ETC-TDA1410V Datasheet
746Kb / 14P
   MONOLITHIC QUASI-COMPLEMENTARY DUAL DARLINGTON IN PENTAWATT® PACKAGE
logo
Dongguan Xinkang Electr...
TDA149 TNK-TDA149 Datasheet
148Kb / 1P
   VDSL Line Transformer Through Hole Magnetics
More results

Description similaire - TDA1400

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com