Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCD6001 Fiches technique(PDF) 4 Page - Tripath Technology Inc.

No de pièce TCD6001
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6001 Fiches technique(HTML) 4 Page - Tripath Technology Inc.

  TCD6001 Datasheet HTML 1Page - Tripath Technology Inc. TCD6001 Datasheet HTML 2Page - Tripath Technology Inc. TCD6001 Datasheet HTML 3Page - Tripath Technology Inc. TCD6001 Datasheet HTML 4Page - Tripath Technology Inc. TCD6001 Datasheet HTML 5Page - Tripath Technology Inc. TCD6001 Datasheet HTML 6Page - Tripath Technology Inc. TCD6001 Datasheet HTML 7Page - Tripath Technology Inc. TCD6001 Datasheet HTML 8Page - Tripath Technology Inc. TCD6001 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
4
TCD6001 – JL/Rev. 0.9/07.05
Performance Characteristics
TA = 25 °C. Unless otherwise noted, the power stage used for testing is the TPS4100, the supply voltage is
VPP=20V, RL = 4Ω, PGC = 1, post-gain = +2.5dB, coarse gain = 4x, channel volume = 255, feedback
resistor values (1% tolerance) are RFB2 = 1.0K and RFB3 = 5.6K, the MCK frequency is 12.288 MHz, fs =
48kHz, the input frequency is 1kHz, and the measurement bandwidth is 20kHz. See Application/Test Circuit
on page 9.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Output Power (Note 7)
(Continuous power / channel)
THD+N = 0.1%
THD+N = 1.0%
THD+N = 10%
saturated sq. wave
30
40
51
74
W
W
W
W
THD + N
Total Harmonic Distortion Plus Noise
POUT = 20W/Channel
0.02
0.1
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF),
POUT = 10W/Channel
0.02
0.1
%
SNR
Signal-to-Noise Ratio
A-Weighted
POUT = 70W/Channel
101
dB
CS
Channel Separation
0dBr = 1W
70
80
dB
AVERROR
Gain Error
POUT = 1W/Channel
Same chip, channel to channel
Chip to chip
0.5
TBD
0.5
TBD
dB
dB
eNOUT
Output Noise Voltage
A-Weighted
150
180
µV
VOFFSET
Output Offset Voltage
After automatic DC calibration
TBD
TBD
mV
Note 7: Typical output power performance shown for reference only. Please refer to TPS4100 data sheet
for additional information.
AM Mode Performance Characteristics (Note 9)
TA = 25 °C. Unless otherwise noted, the power stage used for testing is the TPS4100, the supply voltage is
VPP=20V, RL = 4Ω, PGC = 1, post-gain = +2.5dB, coarse gain = 4x, channel volume = 255, feedback
resistor values are RFB2 = 1.0K and RFB3 = 5.6K, the MCK frequency is 12.288 MHz, fs = 48kHz, the input
frequency is 1kHz, and the measurement bandwidth is 20kHz. See Application/Test Circuit on page 9.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Output Power (Notes 7,8)
(continuous RMS/Channel)
VDD = 14.4V, THD+N = 0.1%
VDD = 14.4V, THD+N = 10%
10
16
W
W
THD + N
Total Harmonic Distortion Plus Noise
POUT = 1W/Channel
0.02
0.1
%
SNR
Signal-to-Noise Ratio
A-Weighted,
POUT = 15W/Channel
92
94
dB
CS
Channel Separation
0dBr = 1W
70
80
dB
eNOUT
Output Noise Voltage
A-Weighted
145
175
µV
VOFFSET
Output Offset Voltage
After automatic DC calibration
TBD
TBD
mV
Note 8: Power stage heat sinking in AM Mode must be increased (as compared to Class T mode) to sustain
the typical output numbers. This is due to the lower efficiency of Class B output stage operation.


Numéro de pièce similaire - TCD6001

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results

Description similaire - TCD6001

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com