Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD3022 Fiches technique(PDF) 1 Page - Solid State Optronic

No de pièce TD3022
Description  Random-Phase Triac Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3022 Fiches technique(HTML) 1 Page - Solid State Optronic

  TD3022 Datasheet HTML 1Page - Solid State Optronic TD3022 Datasheet HTML 2Page - Solid State Optronic TD3022 Datasheet HTML 3Page - Solid State Optronic TD3022 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TD30
22
Random-Phase
Triac Driver
The TD3022 consists of a single input LED optically coupled to a random-phase triac driver. The TD3022 provides high input-to-output
isolation and is designed to drive high-powered triacs. Typical uses include interfacing logic level control signals to equipment powered
from 110Vac and 220Vac lines controling resistive and inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
6-Pin Dip Random-Phase Triac Driver Output
400V blocking voltage
High input-to-output isolation (5000 Vrms)
High reliability
Vending Machines
Motor control
Solid state relays
Valve control
Solenoids
Traffic Lights
Surface Mount Option
-S
Tape and Reel Option
-TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-40
125
Operating Temperature
°C
-40
85
260
Transient Input Currrent
A
1
Reverse Input Control
Voltage
V
Output Power Dissipation
mW
3
00
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
-V
Meeting VDE Requirements
Peak Repetitive Surge
1
50
Current
Input Forward Current
mA
1. Anode
2. Cathode
3. NC
4. MAIN TERMINAL
5. DO NOT
CONNECT
6. MAIN TERMINAL
Soldering Temperature 10s
°C
6
A
APPROVALS
UL and C-UL Approved File #E201932


Numéro de pièce similaire - TD3022

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
TD3021 SSOUSA-TD3021 Datasheet
396Kb / 9P
   Random Phase Switching
TD3023 SSOUSA-TD3023 Datasheet
581Kb / 5P
   Random Phase Switching
logo
MORNSUN Science& Techno...
TD302D232H MORNSUN-TD302D232H Datasheet
537Kb / 3P
   DUALHIGH SPEED RS232 ISOLATION TRANSCEIVER
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
More results

Description similaire - TD3022

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com