Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C213 Fiches technique(PDF) 2 Page - Solid State Optronic

No de pièce AD4C213
Description  1 Form A/1 Form B Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C213 Fiches technique(HTML) 2 Page - Solid State Optronic

  AD4C213 Datasheet HTML 1Page - Solid State Optronic AD4C213 Datasheet HTML 2Page - Solid State Optronic AD4C213 Datasheet HTML 3Page - Solid State Optronic AD4C213 Datasheet HTML 4Page - Solid State Optronic AD4C213 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD4C213
1 Form A/1 Form B
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current (Form A)
m
2.5
5
Io = 150mA
A
Turn-On Current (Form B)
m
0.5
Io = 150mA
A
Turn-Off Current (Form A)
m
0.5
A
Turn-Off Current (Form B)
m
2.5
A
OUTPUT SPECIFICATIONS
(NORMALLY OPEN)
Blocking Voltage
V
400
10uA
Continuous Load Current
m
150
If = 5mA
A
On-Resistance
20
25
Leakage Current
µ
0.2
10
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 5mA
V
Turn-On Time
m
0.5
1
If = 5mA, Io = 150mA
s
Turn-Off Time
m
0.1
0.5
If = 5mA, Io = 150mA
s
OUTPUT SPECIFICATIONS
(NORMALLY CLOSED)
Blocking Voltage
V
400
Io = 10mA, If = 5mA
Continuous Load Current
m
150
If = 0mA
A
On-Resistance
20
25
Io = 150mA
Leakage Current
µ
0.2
10
Vo = 400V, If = 5mA
A
Output Capacitance
p
15
20
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
V
Turn-On Time
m
0.2
1
If = 0mA, Io = 150mA
s
Turn-Off Time
m
0.5
1
If = 5mA, Io = 150mA
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Isolation Resistance
G
100
Coupled Capacitance
p
2
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Numéro de pièce similaire - AD4C213

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
More results

Description similaire - AD4C213

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
LH1511BAB VISHAY-LH1511BAB_11 Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
LH1511BAB VISHAY-LH1511BAB_V02 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
LH1511BAB VISHAY-LH1511BAB_V01 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1501BT VISHAY-LH1501BT_V01 Datasheet
184Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
logo
Solid State Optronic
M212 SSOUSA-M212 Datasheet
137Kb / 4P
   1 Form B Solid State Relay
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com