Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C212 Fiches technique(PDF) 3 Page - Solid State Optronic

No de pièce AD4C212
Description  Dual 1 Form B Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C212 Fiches technique(HTML) 3 Page - Solid State Optronic

  AD4C212 Datasheet HTML 1Page - Solid State Optronic AD4C212 Datasheet HTML 2Page - Solid State Optronic AD4C212 Datasheet HTML 3Page - Solid State Optronic AD4C212 Datasheet HTML 4Page - Solid State Optronic AD4C212 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD4C212
Dual 1 Form B
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Turn-Off Tim e (m s)
AD4C212
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
60
19
20
21
22
23
24
25
26
On-Resistance (ohm s)
AD4C212
0
10
20
30
40
50
60
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C212
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
400 410 420 430 440 450 460 470
Blocking Voltage (V)
AD4C212
0
50
100
150
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C212
Maximum Load Current vs. Temperature
0
10
20
30
40
50
0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18
Turn-On Tim e (m s)
AD4C212
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD4C212
rev 1.40 (10/25/2004)


Numéro de pièce similaire - AD4C212

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
   140mA maximum continuous load current
More results

Description similaire - AD4C212

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com