Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C113 Fiches technique(PDF) 4 Page - Solid State Optronic

No de pièce AD4C113
Description  1 Form A/1 Form B Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C113 Fiches technique(HTML) 4 Page - Solid State Optronic

  AD4C113 Datasheet HTML 1Page - Solid State Optronic AD4C113 Datasheet HTML 2Page - Solid State Optronic AD4C113 Datasheet HTML 3Page - Solid State Optronic AD4C113 Datasheet HTML 4Page - Solid State Optronic AD4C113 Datasheet HTML 5Page - Solid State Optronic AD4C113 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD4C113
1 Form A/1 Form B
Solid State Relay
0
10
20
30
40
0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18
Turn-On Tim e (m s)
AD4C113 - Normally Closed
0
10
20
30
40
50
0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85
Turn-Off Tim e (m s)
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
AD4C113 - Normally Closed
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
22
23
24
25
26
27
28
29
On-Resistance (ohm s)
AD4C113 - Normally Closed
0
20
40
60
80
0.1 0.12 0.14 0.16 0.18 0.2 0.22 0.24
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C113 - Normally Closed
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
60
380 400 420 440 460 480 500 520
Blocking Voltage (V)
AD4C113 - Normally Closed
0
50
100
150
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C113 - Normally Closed
Typical Load Current vs. Temperature
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 6
AD4C113
rev 1.40 (10/25/2004)


Numéro de pièce similaire - AD4C113

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
More results

Description similaire - AD4C113

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
logo
Vishay Siliconix
LH1501BAB VISHAY-LH1501BAB_11 Datasheet
120Kb / 4P
   1 Form B Solid State Relay
Rev. 1.7, 20-May-11
LH1501BT VISHAY-LH1501BT Datasheet
369Kb / 2P
   1 Form B Solid State Relay
Revision 17-August-01
LH1511BAB VISHAY-LH1511BAB_11 Datasheet
116Kb / 4P
   1 Form B Solid State Relay
Rev. 1.6, 20-May-11
LH1511BAB VISHAY-LH1511BAB_V02 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
LH1511BAB VISHAY-LH1511BAB_V01 Datasheet
179Kb / 6P
   1 Form B Solid State Relay
01-Jan-2022
LH1501BT VISHAY-LH1501BT_V01 Datasheet
184Kb / 6P
   1 Form B Solid State Relay
01-Jan-2023
logo
Solid State Optronic
M212 SSOUSA-M212 Datasheet
137Kb / 4P
   1 Form B Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com