Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4136-F-GT Fiches technique(PDF) 9 Page - Silicon Laboratories

No de pièce SI4136-F-GT
Description  ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4136-F-GT Fiches technique(HTML) 9 Page - Silicon Laboratories

Back Button SI4136-F-GT Datasheet HTML 5Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 6Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 7Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 8Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 9Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 10Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 11Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 12Page - Silicon Laboratories SI4136-F-GT Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Si4136/Si4126
Rev. 1.4
9
RF1 Harmonic Suppression
Second Harmonic
–28
–20
dBc
RF2 Harmonic Suppression
–23
–20
dBc
IF Harmonic Suppression
–26
–20
dBc
RFOUT Power Level
ZL = 50 Ω, RF1 active
–7
–3.5
–0.5
dBm
RFOUT Power Level
ZL = 50 Ω, RF2 active
–7
–3.5
–0.5
dBm
IFOUT Power Level
ZL = 50 Ω
–7
–4
0
dBm
RF1 Output Reference Spurs
Offset = 1 MHz
–63
dBc
Offset = 2 MHz
–68
dBc
Offset = 3 MHz
–70
dBc
RF2 Output Reference Spurs
Offset = 1 MHz
–63
dBc
Offset = 2 MHz
–68
dBc
Offset = 3 MHz
–70
dBc
Powerup Request to Synthesizer Ready3
Time
tpup
Figures 4, 5
fφ > 500 kHz
80
100
µs
Powerup Request to Synthesizer Ready3
Time
tpup
Figures 4, 5
fφ ≤ 500 kHz
—40/fφ
50/fφ
Powerdown Request to Synthesizer Off4
Time
tpdn
Figures 4, 5
100
ns
Table 5. RF and IF Synthesizer Characteristics (Continued)
(VDD = 2.7 to 3.6 V, TA = –40 to 85 °C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. fφ(RF) = 1 MHz, fφ(IF) = 1 MHz, RF1 = 2.4 GHz, RF2 = 2.1 GHz, IFOUT = 800 MHz, LPWR = 0, for all parameters
unless otherwise noted.
2. RF VCO tuning range limits are fixed by inductance of internally bonded wires.
3. From powerup request (PWDN
↑ or SEN↑ during a write of 1 to bits PDIB and PDRB in Register 2) to RF and IF
synthesizers ready (settled to within 0.1 ppm frequency error).
4. From powerdown request (PWDN
↓, or SEN↑ during a write of 0 to bits PDIB and PDRB in Register 2) to supply current
equal to IPWDN.


Numéro de pièce similaire - SI4136-F-GT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4136-BT SILABS-SI4136-BT Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
More results

Description similaire - SI4136-F-GT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com