Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3056-KS Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI3056-KS
Description  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3056-KS Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI3056-KS Datasheet HTML 7Page - Silicon Laboratories SI3056-KS Datasheet HTML 8Page - Silicon Laboratories SI3056-KS Datasheet HTML 9Page - Silicon Laboratories SI3056-KS Datasheet HTML 10Page - Silicon Laboratories SI3056-KS Datasheet HTML 11Page - Silicon Laboratories SI3056-KS Datasheet HTML 12Page - Silicon Laboratories SI3056-KS Datasheet HTML 13Page - Silicon Laboratories SI3056-KS Datasheet HTML 14Page - Silicon Laboratories SI3056-KS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Si3056
Si3018/19/10
Rev. 1.05
11
Figure 3. Serial Interface Timing Diagram (DCE = 0)
Table 7. Switching Characteristics—Serial Interface (Master Mode, DCE = 0)
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, CL =20pF)
Parameter
Symbol
Min
Typ
Max
Unit
Cycle time, SCLK
tc
244
1/256 Fs
ns
SCLK Duty Cycle
tdty
—50
%
Delay Time, SCLK
↑ to FSYNC↓
td1
——
20
ns
Delay Time, SCLK
↑ to SDO Valid
td2
——
20
ns
Delay Time, SCLK
↑ to FSYNC↑
td3
——
20
ns
Setup Time, SDI Before SCLK
tsu
25
ns
Hold Time, SDI After SCLK
th
20
ns
Setup Time, FC
↑ Before SCLK↑
tsfc
40
ns
Hold time, FC
↑ After SCLK↑
thfc
40
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VD – 0.4 V, VIL =0.4 V.
D15
SCLK
t
c
t
d1
V
OH
V
OL
FSYNC
(mode 0)
FSYNC
(mode 1)
t
d3
t
d3
16-Bit
SDO
16-Bit
SDI
D14
D1
D0
D0
D1
D14
D15
t
su
t
h
t
sfc
t
hfc
FC
t
d2
D0


Numéro de pièce similaire - SI3056-KS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
Si3056-KS ETC2-Si3056-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
More results

Description similaire - SI3056-KS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com