Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3010 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI3010
Description  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3010 Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI3010 Datasheet HTML 1Page - Silicon Laboratories SI3010 Datasheet HTML 2Page - Silicon Laboratories SI3010 Datasheet HTML 3Page - Silicon Laboratories SI3010 Datasheet HTML 4Page - Silicon Laboratories SI3010 Datasheet HTML 5Page - Silicon Laboratories SI3010 Datasheet HTML 6Page - Silicon Laboratories SI3010 Datasheet HTML 7Page - Silicon Laboratories SI3010 Datasheet HTML 8Page - Silicon Laboratories SI3010 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
Si3056
Si3018/19/10
Rev. 1.05
5
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
F and K-Grade
0
25
70
°C
Si3056 Supply Voltage, Digital3
VD
3.0
3.3
3.6
V
Notes:
1. The Si3056 specifications are guaranteed when the typical application circuit (including component tolerance) and the
Si3056 and any Si3018 or Si3019 are used. See Figure 17 on page 18 for typical application schematic.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. 3.3 V applies to both the digital and serial interface and the digital signals RGDT/FSD, OFHK, RESET, M0, and M.


Numéro de pièce similaire - SI3010

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3010 ETC-SI3010 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
SI3010 ETC2-SI3010 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Skyworks Solutions Inc.
SI3010 SKYWORKS-SI3010 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI3010-F-FS SILABS-SI3010-F-FS Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI3010-F-FS SKYWORKS-SI3010-F-FS Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
More results

Description similaire - SI3010

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com