Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2107-X-FM Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI2107-X-FM
Description  SATELLITE RECEIVER FOR DVB-S/DSS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2107-X-FM Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI2107-X-FM Datasheet HTML 1Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 2Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 3Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 4Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 5Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 6Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 7Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 8Page - Silicon Laboratories SI2107-X-FM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Si2107/08/09/10
Preliminary Rev. 0.7
5
Table 3. DC Characteristics
(V3.3 = 3.3 V ±10%, V1.8 = 1.8 V ±10%, TA =0–70ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current, 3.3 V
I3.3
45 Msps, CR 7/8*
313
mA
20 Msps, CR 2/3*
298
mA
Supply Current, 1.8 V
I1.8
45 Msps, CR 7/8*
292
mA
20 Msps, CR 2/3*
217
mA
Input high voltage
VIH
SCL(25), SDA(26)
2.3
5.5
V
Input low voltage
VIL
SCL(25), SDA(26)
0
0.8
V
Input leakage
II
SCL(25), SDA(26)
±10
µA
Output high voltage
VOH
2.4
V
Output low voltage
VOL
——
0.4
V
Output leakage
IOL
——
±10
µA
*Note: LNB dc-dc converter disabled; LNB_EN (CEh[2]) = 0.
Table 4. RF Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input power, single channel
Pi,ch
–81
–23
dBm
Aggregate input power
Pi,agg
–7
dBm
Input impedance, balanced
Zin
ZSOURCE =75 Ω
—75
Ω
Return Loss
–10
dB
Dynamic voltage gain range
ΔGV
—75
dB
Maximum voltage gain
GV(max)
—55
dB
Noise figure
NF
Max gain1
+9.5
+12.5
dB
IP3
IP32
Min gain3
+5
+15
dBm
LO leakage
LLO
950 to 2150 MHz
–70
dBm
LO SSB phase noise
NLO
100 kHz offset
–97
–94
dBc/Hz
1 MHz offset
–97
–94
dBc/Hz
LO DSB phase noise (integrated)
NLO
10 kHz to 1/2 Baud
Rate
—2.1
2.8
°rms
RF synthesizer spurious
At 20 MHz offset
–40
dBc/Hz
Reference oscillator phase noise
At 2 kHz offset
–130
dBc/Hz
LO oscillator settling time
ts,LO
—100
µs
Notes:
1. Max gain = +55 dB.
2. IM3 can be calculated as follows: IM3 = 2 x (IP3 – Pin).
3. Min gain = –35 dB.


Numéro de pièce similaire - SI2107-X-FM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2107-X-FM SILABS-SI2107-X-FM Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results

Description similaire - SI2107-X-FM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com