Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW801BF-09-DB Fiches technique(PDF) 10 Page - Agere Systems

No de pièce FW801BF-09-DB
Description  Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AGERE [Agere Systems]
Site Internet  
Logo AGERE - Agere Systems

FW801BF-09-DB Fiches technique(HTML) 10 Page - Agere Systems

Back Button FW801BF-09-DB Datasheet HTML 6Page - Agere Systems FW801BF-09-DB Datasheet HTML 7Page - Agere Systems FW801BF-09-DB Datasheet HTML 8Page - Agere Systems FW801BF-09-DB Datasheet HTML 9Page - Agere Systems FW801BF-09-DB Datasheet HTML 10Page - Agere Systems FW801BF-09-DB Datasheet HTML 11Page - Agere Systems FW801BF-09-DB Datasheet HTML 12Page - Agere Systems FW801BF-09-DB Datasheet HTML 13Page - Agere Systems FW801BF-09-DB Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Agere Systems Inc.
Data Sheet
January 2005
One-Cable Transceiver/Arbiter Device
FW801BF PHY 1394a-2000
Application Information
5-6767.a (F)
* See Figure 4 for typical port termination network.
Figure 3. Typical External Component Connections
NOT USED
NOT USED
NOT USED
NOT USED
NOT USED
TPA[0]
TPAN[0]
TPBN[0]
R[0]
VSSA
TPBIAS[0]
SE
VSSA
VDDA
TPB[0]
SM
VSS
R[1]
VSS
XI
XO
SYSCLK
LREQ
CTL[0]
CTL[1]
D[1]
D[2]
D[5]
D[7]
LPS
CNA
RESETN
VSSPLL
VDDPLL
VDD
D[0]
VDD
D[3]
D[4]
D[6]
VSS
C_LKON
VSS
VDD
PD
ISON
CPS
VDDA
PORT 0*
0.1
µF
A1 BALL
AGERE FW801BF
LCC PULSE
OR VDD
PAD CORNER
PORT 0*
LLC
LLC
LLC
LLC
LLC
510 k
CL
CL
RL


Numéro de pièce similaire - FW801BF-09-DB

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
FW801 AGERE-FW801 Datasheet
369Kb / 22P
   One-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW801A-DB AGERE-FW801A-DB Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
More results

Description similaire - FW801BF-09-DB

FabricantNo de pièceFiches techniqueDescription
logo
Agere Systems
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802A AGERE-FW802A Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com