Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5290YRMZ10 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5290YRMZ10
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ10 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5290YRMZ10 Datasheet HTML 3Page - Analog Devices AD5290YRMZ10 Datasheet HTML 4Page - Analog Devices AD5290YRMZ10 Datasheet HTML 5Page - Analog Devices AD5290YRMZ10 Datasheet HTML 6Page - Analog Devices AD5290YRMZ10 Datasheet HTML 7Page - Analog Devices AD5290YRMZ10 Datasheet HTML 8Page - Analog Devices AD5290YRMZ10 Datasheet HTML 9Page - Analog Devices AD5290YRMZ10 Datasheet HTML 10Page - Analog Devices AD5290YRMZ10 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 9 of 11
A
VI
W
B
VO
Figure 7. Potentiometer Mode Configuration
Ignoring the effect of the wiper resistance, the transfer function
is simply
A
W
V
256
D
)
D
(
V
=
(3)
A more accurate calculation, which includes the wiper
resistance effect, yields
A
W
W
AB
W
V
R
2
R
R
256
D
)
D
(
V
+
+
=
AB
R
(4)
If there is an applied voltage at the B terminal, then the transfer
function becomes
B
A
W
V
D
V
D
D
V
256
256
256
)
(
+
=
(5)
Unlike in rheostat mode operation where the absolute tolerance
is high, potentiometer mode operation yields an almost ratio-
metric function of D/256 with a relatively small error contributed
by the RW terms, and therefore the tolerance effect is almost
cancelled. Although the thin film step resistor RS and CMOS
switches resistance RW have very different temperature coeffi-
cients, the ratiometric adjustment also reduces the overall
temperature coefficient effect to 5 ppm/°C, except at low value
codes where RW dominates.
Potentiometer mode operations include others such as op amp
input, feedback resistor networks, and other voltage scaling
applications. A, W, and B terminals can in fact be input or
output terminals provided that |VA|, |VW|, and |VB| do not
exceed |VDD| and |VSS|.
SPI COMPATIBLE 3-WIRE SERIAL BUS
The AD5290 contains a 3-wire SPI compatible digital interface
(SDI, CS, and CLK). The 8-bit serial word must be loaded MSB
first. The format of the word is shown in Table .
The positive-edge sensitive CLK input requires clean transitions
to avoid clocking incorrect data into the serial input register.
Standard logic families work well. CS should start high, when it
goes low, the clock loads data into the serial register on each
positive clock edge (see Figure 3).
The data setup and data hold times in the specification table
determine the valid timing requirements. The AD5290 uses an
8-bit serial input data register word that is transferred to the
internal RDAC register when the CS returns to logic high. If
dataword contains more than 8-bit, the extra MSB bits will be
ignored.
ESD PROTECTION
All digital inputs are protected with a series input resistor and
parallel Zener ESD structures shown in 8 and Figure 9. This
applies to the digital input pins SDI, CLK, and CS.
LOGIC
340
VSS
Figure 8. ESD Protection of Digital Pins
A,B,W
VSS
Figure 9. ESD Protection of Resistor Terminals
TERMINAL VOLTAGE OPERATING RANGE
The AD5290 VDD and GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer
operation. Supply signals present on terminals A, B, and W that
exceed VDD or GND will be clamped by the internal forward
biased diodes (see Figure 10).
A
VDD
B
W
VSS
Figure 10. Maximum Terminal Voltages Set by VDD and VSS
POWER-UP SEQUENCE
Since the ESD protection diodes limit the voltage compliance at
terminals A, B, and W (see Figure 10), it is important to power
VDD–to-GND and VSS-to-GND before applying any voltage to
terminals A, B, and W; otherwise, the diode will be forward
biased such that VDD will be powered unintentionally and may
affect the rest of the user’s circuit. The ideal power-up sequence
is in the following order: GND, VSS,VDD, digital inputs, and then


Numéro de pièce similaire - AD5290YRMZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5290YRMZ10 AD-AD5290YRMZ10 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100 AD-AD5290YRMZ100 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100-R7 AD-AD5290YRMZ100-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

Description similaire - AD5290YRMZ10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com