Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CM9153 Fiches technique(PDF) 2 Page - California Micro Devices Corp

No de pièce CM9153
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153 Fiches technique(HTML) 2 Page - California Micro Devices Corp

  CM9153 Datasheet HTML 1Page - California Micro Devices Corp CM9153 Datasheet HTML 2Page - California Micro Devices Corp CM9153 Datasheet HTML 3Page - California Micro Devices Corp CM9153 Datasheet HTML 4Page - California Micro Devices Corp CM9153 Datasheet HTML 5Page - California Micro Devices Corp CM9153 Datasheet HTML 6Page - California Micro Devices Corp CM9153 Datasheet HTML 7Page - California Micro Devices Corp CM9153 Datasheet HTML 8Page - California Micro Devices Corp CM9153 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9153
PRELIMINARY
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
PACKAGE / PINOUT DIAGRAM
Note: This drawing is not to scale.
8 Lead MSOP Package
1
2
3
4
8
7
6
5
C2P
VOUT
C1P
VIN
C1N
GND
C2N
ENA
TOP VIEW
CM9153-01DE
8 Lead TDFN Package
GND
4
3
2
1
4
3
2
1
5
6
7
PAD
5
6
7
8
8
Pin 1
Marking
BOTTOM VIEW
(Pins Up View)
TOP VIEW
(Pins Down View)
CM9153-01MR
PART NUMBERING INFORMATION
Leads
Package
Lead-free Finish
Ordering Part Number1
Part Marking
8
TDFN
CM9153-01DE
8
MSOP
CM9153-01MR
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD Protection (HBM)
± 2
kV
VIN to GND
[GND - 0.3] to +6.5
V
Pin Voltages
VOUT to GND
C1P, C1N to GND
C2P, C2N to GND
[GND - 0.3] to +6.0
[GND - 0.3] to +4.5
[GND - 0.3] to +4.5
V
V
V
Storage Temperature Range
-65 to +150
°C
Operating Temperature Range
-40 to +85
°C
Lead Temperature (Soldering, 10s)
300
°C
Package Pinout


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CAT3604 4-Channel Regulated Charge Pump White LED Driver 1  2  3  4  5  More Catalyst Semiconductor
CAT3606 6-Channel Low Noise Charge Pump White LED Driver 1  2  3  4  5  More Catalyst Semiconductor
CM9156A Charge Pump White LED Driver 1  2  3  4  5  More California Micro Devices Corp
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
SP6687 4 Channel Charge Pump White LED Driver 1  2  3  4  5  More Sipex Corporation
ADM8845 Charge Pump Driver for LCD White LED Backlights 1  2  3  4  5  More Analog Devices
AAT3134 High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn