Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CM9153 Fiches technique(PDF) 5 Page - California Micro Devices Corp

No de pièce CM9153
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153 Fiches technique(HTML) 5 Page - California Micro Devices Corp

  CM9153 Datasheet HTML 1Page - California Micro Devices Corp CM9153 Datasheet HTML 2Page - California Micro Devices Corp CM9153 Datasheet HTML 3Page - California Micro Devices Corp CM9153 Datasheet HTML 4Page - California Micro Devices Corp CM9153 Datasheet HTML 5Page - California Micro Devices Corp CM9153 Datasheet HTML 6Page - California Micro Devices Corp CM9153 Datasheet HTML 7Page - California Micro Devices Corp CM9153 Datasheet HTML 8Page - California Micro Devices Corp CM9153 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
5
CM9153
PRELIMINARY
CIN=COUT=C1=C2=1.0μF, TA=25°C, unless specified
Vout vs. Temperature
4.450
4.475
4.500
4.525
4.550
-40
-15
10
35
60
85
Temperature (ºC)
Vin = 3.6V
No Load Input Current
400
800
1200
1600
2000
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
Vin (V)
Startup
1ms/div
Iin, 200 mA/div
Vout, 2V/div
Vin, 2V/div
Vin=3.8V
Iout=120 mA
Iout=60 mA
100 mV/div
Vin = 3.8V
Output Ripple
Typical Performance Curves (cont’d)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CAT3604 4-Channel Regulated Charge Pump White LED Driver 1  2  3  4  5  More Catalyst Semiconductor
CAT3606 6-Channel Low Noise Charge Pump White LED Driver 1  2  3  4  5  More Catalyst Semiconductor
CM9156A Charge Pump White LED Driver 1  2  3  4  5  More California Micro Devices Corp
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
SP6687 4 Channel Charge Pump White LED Driver 1  2  3  4  5  More Sipex Corporation
ADM8845 Charge Pump Driver for LCD White LED Backlights 1  2  3  4  5  More Analog Devices
AAT3134 High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn