Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CM9153 Fiches technique(PDF) 4 Page - California Micro Devices Corp

No de pièce CM9153
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153 Fiches technique(HTML) 4 Page - California Micro Devices Corp

  CM9153 Datasheet HTML 1Page - California Micro Devices Corp CM9153 Datasheet HTML 2Page - California Micro Devices Corp CM9153 Datasheet HTML 3Page - California Micro Devices Corp CM9153 Datasheet HTML 4Page - California Micro Devices Corp CM9153 Datasheet HTML 5Page - California Micro Devices Corp CM9153 Datasheet HTML 6Page - California Micro Devices Corp CM9153 Datasheet HTML 7Page - California Micro Devices Corp CM9153 Datasheet HTML 8Page - California Micro Devices Corp CM9153 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9153
PRELIMINARY
CIN=COUT=C1=C2=1.0μF, TA=25 °C, unless specified
Line Regulation
Iout=120mA
4.0
4.1
4.2
4.3
4.4
4.5
4.6
3.00
4.00
5.00
6.00
Vin (V)
Line Regulation
Iout=60mA
4.0
4.1
4.2
4.3
4.4
4.5
4.6
3.00
4.00
5.00
6.00
Vin (V)
Load Regulation
4.00
4.25
4.50
4.75
10
30
50
70
90
110
Load Current (mA)
3.6 Vin
3.4 Vin
5Vin
Efficiency
50
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Iout=60mA
Efficiency
50
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Iout=120mA
Switching Frequency - 650kHz
610
630
650
670
690
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
Input Voltage (V)
-40ºC
20ºC
85ºC
Typical Performance Curves


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CAT3604 4-Channel Regulated Charge Pump White LED Driver 1  2  3  4  5  More Catalyst Semiconductor
CAT3606 6-Channel Low Noise Charge Pump White LED Driver 1  2  3  4  5  More Catalyst Semiconductor
CM9156A Charge Pump White LED Driver 1  2  3  4  5  More California Micro Devices Corp
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
SP6687 4 Channel Charge Pump White LED Driver 1  2  3  4  5  More Sipex Corporation
ADM8845 Charge Pump Driver for LCD White LED Backlights 1  2  3  4  5  More Analog Devices
AAT3134 High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications 1  2  3  4  5  More List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn