Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPM6-1V Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce EPM6-1V
Description  1 Watt isolated DC-DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM6-1V Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  EPM6-1V Datasheet HTML 1Page - Eaton All Rights Reserved. EPM6-1V Datasheet HTML 2Page - Eaton All Rights Reserved. EPM6-1V Datasheet HTML 3Page - Eaton All Rights Reserved. EPM6-1V Datasheet HTML 4Page - Eaton All Rights Reserved. EPM6-1V Datasheet HTML 5Page - Eaton All Rights Reserved. EPM6-1V Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data ELX1162
Effective March 2022
EPM6-1V
1 Watt isolated DC-DC converter
www.eaton.com/electronics
Derating curve
Part number
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
@ full load
(mA)
Efficiency1
minimum
Efficiency1
typical
Capacitive load2
maximum
(μF)
EPM6051V-3R3-303S*
5
3.3
303
71%
74%
1500
EPM6051V-05R-200S*
5
5
200
75%
78%
1500
EPM6051V-12R-084S*
5
12
84
75%
78%
470
EPM6051V-15R-067S*
5
15
67
80%
83%
220
EPM6121V-3R3-303S*
12
3.3
303
76%
79%
1500
EPM6121V-05R-200S*
12
5
200
79%
82%
1500
EPM6121V-12R-084S*
12
12
84
77%
80%
470
EPM6121V-15R-067S*
12
15
67
78%
81%
220
EPM6241V-3R3-303S*
24
3.3
303
75%
78%
1500
EPM6241V-05R-200S*
24
5
200
76%
79%
1500
EPM6241V-12R-084S*
24
12
84
77%
80%
470
EPM6241V-15R-067S*
24
15
67
81%
84%
220
1. Efficiency is nominal input voltage and full load @ +25 °C.
2. Capacitive load is tested at minimum input voltage and a constant resistive load.
3. All specifications valid at nominal input voltage, full load and +25 °C after warm-up time unless otherwise stated.
4. *= Isolation option, R is for standard isolation voltage, H is for higher isolation voltage.
Selection guide
Measure method


Numéro de pièce similaire - EPM6-1V

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results

Description similaire - EPM6-1V

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Bothhand USA, LP.
BMA1-SERIES BOTHHAND-BMA1-SERIES Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
CHB150W12 CINCON-CHB150W12 Datasheet
709Kb / 8P
   150 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com