Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADC128S102 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce ADC128S102
Description  8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S102 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  ADC128S102 Datasheet HTML 1Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 2Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 3Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 4Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 5Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 6Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 7Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 8Page - National Semiconductor (TI) ADC128S102 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ADC128S102
8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
General Description
The ADC128S102 is a low-power, eight-channel CMOS 12-
bit analog-to-digital converter specified for conversion
throughput rates of 500 kSPS to 1 MSPS. The converter is
based on a successive-approximation register architecture
with an internal track-and-hold circuit. It can be configured to
accept up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is compatible
with several standards, such as SPI, QSPI, MICROW-
IRE, and many common DSP serial interfaces.
The ADC128S102 may be operated with independent ana-
log and digital supplies. The analog supply (V
A) can range
from +2.7V to +5.25V, and the digital supply (V
D) can range
from +2.7V to V
A. Normal power consumption using a +3V or
+5V supply is 2.3 mW and 10.7 mW, respectively. The
power-down feature reduces the power consumption to 0.06
µW using a +3V supply and 0.25 µW using a +5V supply.
The ADC128S102 is packaged in a 16-lead TSSOP pack-
age. Operation over the extended industrial temperature
range of −40˚C to +105˚C is guaranteed.
Features
n
Eight input channels
n
Variable power management
n
Independent analog and digital supplies
n
SPI/QSPI/MICROWIRE/DSP compatible
n
Packaged in 16-lead TSSOP
Key Specifications
n
Conversion Rate
500 kSPS to 1 MSPS
n
DNL (V
A =VD = 5.0 V)
+1.5 / −0.9 LSB (max)
n
INL (V
A =VD = 5.0 V)
±1.2 LSB (max)
n
Power Consumption
— 3V Supply
2.3 mW (typ)
— 5V Supply
10.7 mW (typ)
Applications
n
Automotive Navigation
n
Portable Systems
n
Medical Instruments
n
Mobile Communications
n
Instrumentation and Control Systems
Connection Diagram
20136105
Ordering Information
Order Code
Temperature Range
Description
ADC128S102CIMT
−40˚C to +105˚C
16-Lead TSSOP Package
ADC128S102CIMTX
−40˚C to +105˚C
16-Lead TSSOP Package, Tape & Reel
ADC128S102EVAL
Evaluation Board
TRI-STATE® is a trademark of National Semiconductor Corporation.
MICROWIREis a trademark of National Semiconductor Corporation.
QSPIand SPIare trademarks of Motorola, Inc.
August 2005
© 2005 National Semiconductor Corporation
DS201361
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ADC088S102 8-Channel 500 kSPS to 1 MSPS 8-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC128S052 8-Channel 200 kSPS to 500 kSPS 12-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC78H90 8-Channel 500 kSPS 12-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC108S102 8-Channel 500 kSPS to 1 MSPS 10-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC108S052 8-Channel 200 kSPS to 500 kSPS 10-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC088S052 8-Channel 200 kSPS to 500 kSPS 8-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC128S022 8-Channel 50 kSPS to 200 kSPS 12-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC122S051 2 Channel 500 kSPS 12-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC78H89CIMT 7-Channel 500 KSPS 12-Bit A/D Converter 1  2  3  4  5  More National Semiconductor (TI)
ADC12L063 12-Bit 62 MSPS 354 mW A/D Converter with Internal Sample-and-Hold 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn