Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PL34063AQ8 Datasheet(Fiches technique) 6 Page - Cystech Electonics Corp.

Numéro de pièce PL34063AQ8
Description  DC-to-DC Converter Control Circuit
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo 

PL34063AQ8 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C501Q8
Issued Date : 2003.03.21
Revised Date :
Page No. : 6/7
PL34063AQ8
CYStek Product Specification
Characteristic Curves
Output Switch On-Off Time vs Oscillator
Timing Capacitance
1
10
100
1000
0.01
0.1
1
10
Oscillator Timing Capacitance---CT(nF)
ton
toff
VCC=5.0V
Pin 7=VCC
Pin 5=GND
TA=25℃
Emitter Follower Configuration Output
Saturation Voltage vs Emitter Current
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Emitter Current---IE(A)
VCC=5V
Pins 1,7,8=VCC
Pins 3,5=Gnd
TA=25℃
(See Note )
Common Emitter Configuration Output Switch
Saturation Voltage vs Collector Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Collector Current---IC(A)
Darlington Connection
Forced β=20
VCC=5V
Pin 7=VCC
Pins 2,3,5=Gnd
TA=25℃
(See Note)
Current Limit Sense Voltage vs Temperature
200
220
240
260
280
300
320
340
360
380
400
-75
-50
-25
0
25
50
75
100 125
Ambient Temperature---TA(℃)
VCC=5.0V
Ichg=Idischg
Standby Supply Current vs Supply Voltage
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
0
5
10
15
20
25
30
35
40
Supply Voltage---VCC(V)
CT=10nF
Pin 7=VCC
Pin 2=Gnd
Note: Low duty cycle pulse techniques are used during test
to maintain junction temperature as close to ambient
temperature as possible.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GM340631.5A DC-to-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
AMS34063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAdvanced Monolithic Systems
AMS36063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 Advanced Monolithic Systems
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC34063ADC/DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAnalog Intergrations Corporation
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
H34063APDC-TO-DC Converter Integrate Circuit Devices 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn