Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PL34063AQ8 Datasheet(Fiches technique) 3 Page - Cystech Electonics Corp.

Numéro de pièce PL34063AQ8
Description  DC-to-DC Converter Control Circuit
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL34063AQ8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL34063AQ8 Datenblatt HTML 1Page - Cystech Electonics Corp. PL34063AQ8 Datenblatt HTML 2Page - Cystech Electonics Corp. PL34063AQ8 Datasheet HTML 3Page - Cystech Electonics Corp. PL34063AQ8 Datenblatt HTML 4Page - Cystech Electonics Corp. PL34063AQ8 Datenblatt HTML 5Page - Cystech Electonics Corp. PL34063AQ8 Datenblatt HTML 6Page - Cystech Electonics Corp. PL34063AQ8 Datenblatt HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C501Q8
Issued Date : 2003.03.21
Revised Date :
Page No. : 3/7
PL34063AQ8
CYStek Product Specification
Block Diagram
Application Information
Design Formula Table
Calculation
Step-Down
Step-Up
Voltage-Inverting
ton / toff
Vout+VF /
Vin(min) -Vsat-VOut
Vout+VF-Vin(min) /
Vin(min)-Vsat
|Vout| + VF /
Vin-Vsat
(ton + toff) max
1/Fmin
1/Fmin
1/Fmin
CT
4*10-5ton
4*10-5ton
4*10-5ton
IC(switch)
2*Iout(max)
2*Iout(max)(ton+toff/toff)
2*Iout(max)(ton+toff/toff)
RS
0.3 / IC(switch)
0.3 / IC(switch)
0.3 / IC(switch)
L(min)
(Vin(min)-Vsat-Vout / IC(switch))
*ton(max)
(Vin(min)-Vsat / IC(switch))
*ton(max)
(Vin(min)-Vsat/ IC(switch))
*ton(max)
CO
IC(switch)*(ton+toff) /
8VRipple(P-P)
Iout*ton / VRipple(P-P)
Iout*ton / VRipple(P-P)
Vsat : Saturation voltage of the output switch.
VF : Forward voltage drop of the ringback rectifier.
The following power supply characteristics must be chosen :
Vin : Nominal input voltage.
Vout : Desired output voltage.
|Vout|=1.25*(1+RB/RA)
Iout - Desired output current
Fmin : Minimum desired output switching frequency at the selected values for Vin and Iout.
VRipple(P-P) : Desired peak to peak output ripple voltage in practice, the calculated value will need to be increased
due to the capacitor equivalent series resistance and board layout. The ripple voltage should be kept to a low value
since it will directly effect the line and load regulation.
SC
Pin1:1.6A Switch Collector
TC
Pin3:Oscilletor Timing Capacitor
GND
Pin4:Power GND
DRI
Pin8:Driver Collector
IPK
Pin7:Highside Current Sense
Input, VCC-VIPK=300mV
VCC
Pin6:Power Supply Input
FB
Pin5:Feedback Comparator
Inverting Input
SE
Pin2:Darlington Switch Emitter
Q1
Q2
80
Q S
R
CT
IPK
Oscillator
Comparator
1.25V
Reference Voltage
+
-


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GM340631.5A DC-to-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
AMS34063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAdvanced Monolithic Systems
AMS36063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 Advanced Monolithic Systems
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC34063ADC/DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAnalog Intergrations Corporation
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
H34063APDC-TO-DC Converter Integrate Circuit Devices 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn