Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PL34063AP8 Datasheet(Fiches technique) 1 Page - Cystech Electonics Corp.

Numéro de pièce PL34063AP8
Description  DC-to-DC Converter Control Circuit
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL34063AP8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PL34063AP8 Datasheet HTML 1Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 2Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 3Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 4Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 5Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 6Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C501P8
Issued Date : 2003.03.21
Revised Date :
. .
Page No. : 1/7
PL34063AP8
CYStek Product Specification
DC-to-DC Converter Control Circuit
PL34063AP8
Description
The PL34063AP8 is a monolithic control circuit containing the primary functions required for DC-to-DC
converters. This device consists of an internal temperature compensated reference, comparator, control- led
duty cycle oscillator with an active current limit circuit, driver and high current output switch.
Features
• 3V to 40V Input Voltage Operation
• Internal 1.6A Peak Current Switch
• Internal ±1.8% Reference
• Low Quiescent Current at 1.6mA
• Frequency Operation from 100Hz~100KHz
• Current Limiting
Applications
• Saver for Cellular Phone
• DC-DC Converter Module
Typical Application Circuit
L1
Fig1.Saver Circuit for Cellular Phone
1
8
2
3
4
5
6
7
Vin
Vout
Cout
220
µF
D1
1N5819
CT
470
ρF
RSC
C1
100
µF
RA
5.6k
RB
33k
200
µH
PL34063A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GM340631.5A DC-to-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AQ8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
AMS34063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAdvanced Monolithic Systems
AMS36063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 Advanced Monolithic Systems
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC34063ADC/DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAnalog Intergrations Corporation
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
H34063APDC-TO-DC Converter Integrate Circuit Devices 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn