Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PL34063AP8 Datasheet(Fiches technique) 4 Page - Cystech Electonics Corp.

Numéro de pièce PL34063AP8
Description  DC-to-DC Converter Control Circuit
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL34063AP8 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  PL34063AP8 Datenblatt HTML 1Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 2Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 3Page - Cystech Electonics Corp. PL34063AP8 Datasheet HTML 4Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 5Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 6Page - Cystech Electonics Corp. PL34063AP8 Datenblatt HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C501P8
Issued Date : 2003.03.21
Revised Date :
. .
Page No. : 4/7
PL34063AP8
CYStek Product Specification
Application Information (Continued)
D1
200
µH
1
8
2
3
4
5
6
7
PL34063A
RSC
C1
RA
R1
RB
CT
D1
L1
Q1
R2
Vin
Vout
Cout
Fig.3 Step-Up Converter With External NPN Switch
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
Vout
28V / 200mA
R1
150
Cout
220
µF
CT
680
ρF
Vin
RA
2.2k
RSC
022Ω
C1
100
µF
PL34063A
L1
1N5819
RB
47k
Line Regulation : 100mV (Vin=8V~16V, @Io=200mA)
Load Regulation : 5mV (Vin=12V, @Io=80mA~200mA)
Fig.2 Step-Up Converter
Fig.4 Step-Down Converter
Line Regulation : 40mV (Vin=10V~20V, @Io=500mA)
Load Regulation : 5mV (Vin=15V, @Io=10mA~500mA)
Short Circuit Current : 1.3A (Vin=15V, @RL=0.1
Ω)
PL34063A
Vout
5V / 500mA
RSC
0.25Ω
L1
RB
RA
1.2k
3.6k
CT
470
ρF
D1
1N5819
200
µH
Cout
470
µF
C1
100
µF
Vin


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GM340631.5A DC-to-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AQ8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
AMS34063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAdvanced Monolithic Systems
AMS36063DC-TO-DC CONVERTER CONTROL CIRCUIT 1 2 3 4 Advanced Monolithic Systems
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC34063ADC/DC CONVERTER CONTROL CIRCUIT 1 2 3 4 5 MoreAnalog Intergrations Corporation
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
H34063APDC-TO-DC Converter Integrate Circuit Devices 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn