Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CASD501SG Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce CASD501SG
Description  Surface Mount Small Signal Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD501SG Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  CASD501SG Datasheet HTML 1Page - Cystech Electonics Corp. CASD501SG Datasheet HTML 2Page - Cystech Electonics Corp. CASD501SG Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C336SG
Issued Date : 2003.06.01
Revised Date :
Page No. : 3/3
CASD501SG
CYStek Product Specification
SOD-323 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.090
0.106
2.3
2.7
D
0.028
0.035
0.7
0.9
B
0.045
0.053
1.15
1.35
R
0.02(typ)
0.5(typ)
C
0.012(typ)
0.3(typ)
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
SOD-323 Plastic Surface
Mounted Package
CYStek Package Code:SG


Numéro de pièce similaire - CASD501SG

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
   Surface Mount Small Signal Schottky Barrier Diodes
More results

Description similaire - CASD501SG

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
   Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54WS DIOTEC-BAT54WS Datasheet
96Kb / 2P
   Surface Mount Small Signal Schottky Diodes
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
   SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
logo
Formosa MS
ASD751V-N2 FORMOSA-ASD751V-N2 Datasheet
89Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N FORMOSA-ASD751V-N Datasheet
87Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD501V-N FORMOSA-ASD501V-N Datasheet
77Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD500V-N FORMOSA-ASD500V-N Datasheet
87Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD723-N FORMOSA-ASD723-N Datasheet
77Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
   Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
   150mA Surface Mount Small Signal Schottky Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com