Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSAU104 Fiches technique(PDF) 6 Page - Minmax Technology Co., Ltd.

No de pièce MSAU104
Description  1W, Miniature SMD, Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINMAX [Minmax Technology Co., Ltd.]
Site Internet  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU104 Fiches technique(HTML) 6 Page - Minmax Technology Co., Ltd.

  MSAU104 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU104 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU104 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU104 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU104 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU104 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSAU104 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSAU104 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
2.54mm
7.62mm
10.8mm
1.7mm
1.0mm Min
0.60 [0.024]
6.2 [0.24]
9.2 [0.36]
7.0 [0.28]
S SEATING
PLANE
1C
7.6 [0.30]
0.9[0.04]
R0.5[R0.02]
A
[Magnification of A]
11.2 [0.44]
2.54 [0.100]
12.7 [0.50]
12
3
4
5
6
7
8
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
NA : Not Available for Electrical Connection
NA
8
UL94V-0
:
Flammability
NA
7
NA
6
1.5g
:
Weight
+Vout
5
-Vout
4
Molding
:
Case Material
NA
3
+Vin
2
0.50*0.31*0.27 inches
-Vin
1
12.7*8.0*6.8 mm
:
Case Size
Function
Pin
Physical Characteristics
Pin Connections
The MSAU100 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
MSAU100 Series
6
MINMAX
REV:0 2005/04


Numéro de pièce similaire - MSAU104

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
MSAU104 TOTAL-POWER-MSAU104 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
Minmax Technology Co., ...
MSAU104 MINMAX-MSAU104 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU104 MINMAX-MSAU104 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Total Power Internation...
MSAU104 TOTAL-POWER-MSAU104 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Description similaire - MSAU104

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
   Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Toppower Electronic Tec...
TPTE-1W-3KVDC TOPPOWER-TPTE-1W-3KVDC Datasheet
185Kb / 3P
   1W Isolated Single Output SMD DC/DC Converters
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com