Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIW3100 Fiches technique(PDF) 3 Page - Minmax Technology Co., Ltd.

No de pièce MIW3100
Description  5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINMAX [Minmax Technology Co., Ltd.]
Site Internet  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW3100 Fiches technique(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIW3100 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW3100 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW3100 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW3100 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW3100 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW3100 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW3100 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW3100 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pi Filter
Input Filter
mW
3000
1000
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
16
---
---
24V Input Models
8
---
---
12V Input Models
Under Voltage Shutdown
16
12
8
24V Input Models
VDC
8
6
4.5
12V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
Continuous
Output Short Circuit
%/]
{ 0.02
{ 0.01
---
Temperature Coefficient
%
{ 6
{ 2
---
Transient Response Deviation
uS
300
150
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
75
50
---
Ripple & Noise (20MHz)
%
{ 1.0
{ 0.3
---
Io=20% to 100%
Load Regulation
%
{ 0.3
{ 0.1
---
Vin=Min. to Max.
Line Regulation
%
{ 2.0
{ 0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{ 1.0
{ 0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
K Hours
---
---
1,000
MIL-HDBK-217F @ 25 ] ,Ground Benign
MTBF
KHz
---
300
---
Switching Frequency
pF
500
380
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
# For each output
uF
1000
1000
6800
6800
6800
Maximum Capacitive Load
Unit
{15V #
{12V #
12V
5V
3.3V
Models by Vout
Capacitive Load
MIW3100 Series
REV:0 2005/04
MINMAX
3


Numéro de pièce similaire - MIW3100

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
MIW3100 TOTAL-POWER-MIW3100 Datasheet
402Kb / 4P
   DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
More results

Description similaire - MIW3100

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com