Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM1117-3.3 Datasheet(Fiches technique) 2 Page - Cystech Electonics Corp.

Numéro de pièce LM1117-3.3
Description  1A Low Dropout Positive Voltage Regulator
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-3.3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM1117-3.3 Datenblatt HTML 1Page - Cystech Electonics Corp. LM1117-3.3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-3.3 Datenblatt HTML 3Page - Cystech Electonics Corp. LM1117-3.3 Datenblatt HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C506L3
Issued Date : 2003.03.22
Revised Date :2005.10.07
Page No. : 2/4
LM1117L3
CYStek Product Specification
Package Information
SOT-223
Absolute Maximum Ratings
Symbol
Parameter
Maximum
Units
PD
Power Dissipation
Internally Limited
W
VIN
Input Voltage
7
V
TJ
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
TSTG
Storage Temperature
-65 to 150
TLEAD
Lead Temperature(Soldering, 10 sec)
300
Device Selection Guide
Device
Output Voltage
LM1117-Adj
Adjustable
LM1117-1.5
1.5V
LM1117-1.8
1.8V
LM1117-2.5
2.5V
LM1117-2.85
2.8 5V
LM1117-3.0
3. 0V
LM1117-3.3
3.3V
LM1117-3.5
3.5V
LM1117-5.0
5.0V
Electrical Characteristics @ILOAD=0mA,TJ=25℃, unless otherwise specified
Parameter
Device
Test Conditions
Min
Typ
Max
Units
VIN=5V,ILOAD=10mA
1.238 1.250 1.262
Reference voltage
(Note 1)
Adj Version
VIN=2.65V to 7V,ILOAD=10mA to 1A
*
1.225 1.250 1.275
V
VIN=VOUT+1.5V
Variator from nominal VOUT
-1
+1
%
VIN=VOUT+1.5V to 7V
ILOAD=0mA to 1A
Output Voltage
(Note 1)
Al fixed
version
Variator from nominal VOUT
*
-2
+2
%
Line Regulation (Note 1)
All
ILOAD=10mA,(VOUT+1.5V)≦V≦7V
*
0.04
0.2
Load Regualtion (Note 1)
All
VIN=VOUT+1.5V, ILOAD=10mA to 1A
*
0.2
0.4
%
Minimum Load Current
Adj Version
VIN=5V,VADJ=0V
*
3
7mA
Ground Pin Current
All fixed version VIN=VOUT+1.5V, ILOAD=10mA to 1A
*
7
13
mA
Adjust Pin Current
Adj Version
VIN=2.65V to 7V, ILOAD=10mA
*
55
90
µA
Pin
Function
1
ADJ/GND
2
OUTPUT
3
INPUT
1
2
3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn