Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PL1085-XXXF3 Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce PL1085-XXXF3
Description  3A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1085-XXXF3 Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  PL1085-XXXF3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1085-XXXF3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1085-XXXF3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1085-XXXF3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C540F3
Issued Date : 2003.06.25
Revised Date :
Page No. : 2/4
PL1085F3
CYStek Product Specification
Ordering Information
Device
Output Voltage
Device
Output Voltage
PL1085-AdjF3
Adjustable
PL1085-3.0F3
3.0V
PL1085-1.5F3
1.5V
PL1085-3.3F3
3.3V
PL1085-1.8F3
1.8V
PL1085-3.5F3
3.5V
PL1085-2.5F3
2.5V
PL1085-5.0F3
5.0V
PL1085-2.85F3
2.85V
Absolute Maximum Ratings
VIN pin to ADJ/GND pin ……………………………………………………………………………………………….7V
Operating Junction Temperature Range ………………………………………………………………………0°C~ 125°C
Storage Temperature Range………………………………………………………………………………..- 65°C ~ 150°C
Thermal Resistance Junction to Case ……………………………………………………………………………… 3°C /W
Thermal Resistance Junction to Ambient (Assume no ambient airflow, no heatsink) …………………………… 60°C /W
Lead Temperature (Soldering) 10 sec. ……………………………………………………………………………….260°C
Electrical Characteristics (Vin=5V, Io=10mA,Tj=25℃,unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
Tj=25
°C
1.238 1.250 1.262
V
Vo
Output Voltage
PL1085-1.5
PL1085-1.8
PL1085-2.5
PL1085-2.85
PL1085-3.0
PL1085-3.3
PL1085-3.5
PL1085-5.0
1.48
1.78
2.47
2.82
2.97
3.26
3.46
4.95
1.50
1.80
2.50
2.85
3.00
3.30
3.50
5.00
1.52
1.82
2.53
2.88
3.03
3.34
3.54
5.05
V
Adj : 2.65V
≤Vin≤7V,Tj=25℃
∆Vo
Line Regulation
Fix : 1.4+Vout
≤Vin≤7V
-
0.015
0.2
%
∆Vo
Load Regulation
10mA
≤Io≤3A,Tj=25℃
-
-
0.6
%
Is
Current Limit
Vin-Vout=1.5V
3
-
-
A
IAdj
Adjust Pin Current
2.65V
≤Vin≤7V
-
55
90
μ
A
∆IAdj
Adjust Pin Current
Change
2.65V
≤Vin≤7V, 0°C≤Tj≤125°C
-
0.2
5
μ
A
Ts
Temperature Stability
Io=0.5A, 0
°C≤Tj≤125°C
-
0.5
-
%
IL
Minimum Load Current
0
°C≤Tj≤125°C
-
5
10
mA
VN
RMS Output Noise(% of Vout)
10Hz
≤f≤10KHz,Tj=25℃
-
0.003
-
%
RR
Ripple Rejection Ratio
Vin-Vout=3V, f=120Hz,
Cout=25μF
60
72
-
dB
VD
Dropout Voltage
∆Vout , ∆VREF=1%,
10mA
≤Io≤3A
0
°C≤Tj≤125°C
-
1.2
1.3
V


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LT1585A 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR 1  2  3  4  5  More ON Semiconductor
LT1086220M05 LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR 1  2  3  Seme LAB
H1117J 1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1  2  3  4  5  More Hi-Sincerity Mocroelectronics
PJ1084 5 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
OM2940STM 0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING 1  2  3  4  List of Unclassifed Manufacturers
OM7648SM SURFACE MOUNT POSITIVE 0.5 VOLT LOW DROPOUT VOLTAGE REGULATOR 1  2  3  4  List of Unclassifed Manufacturers
TS2950 150mA Ultra Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
SC1202 600mA Low Dropout Positive Voltage Regulator 1  2  3  4  5  Semtech Corporation
PJ1085 3 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
SC1592 Low Dropout High Performance Adjustable Positive Voltage Regulator 1  2  3  4  5  More Semtech Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn