Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PL1085-XXXF3 Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce PL1085-XXXF3
Description  3A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1085-XXXF3 Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  PL1085-XXXF3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1085-XXXF3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1085-XXXF3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1085-XXXF3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C540F3
Issued Date : 2003.06.25
Revised Date :
Page No. : 3/4
PL1085F3
CYStek Product Specification
Block Diagram
ADJ
GND
VOUT
VIN
55μA
VREF
1.25V
Current Amp.
Thermal
Limit
Current
Limit
For fixed voltage
device


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LT1585A 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR 1  2  3  4  5  More ON Semiconductor
LT1086220M05 LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR 1  2  3  Seme LAB
H1117J 1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1  2  3  4  5  More Hi-Sincerity Mocroelectronics
PJ1084 5 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
OM2940STM 0.5 VOLT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATOR APPROVED TO DESC DRAWING 1  2  3  4  List of Unclassifed Manufacturers
OM7648SM SURFACE MOUNT POSITIVE 0.5 VOLT LOW DROPOUT VOLTAGE REGULATOR 1  2  3  4  List of Unclassifed Manufacturers
TS2950 150mA Ultra Low Dropout Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
SC1202 600mA Low Dropout Positive Voltage Regulator 1  2  3  4  5  Semtech Corporation
PJ1085 3 Amp Low Dropout Positive Voltage Regulator 1  2  3  4  5  More List of Unclassifed Manufacturers
SC1592 Low Dropout High Performance Adjustable Positive Voltage Regulator 1  2  3  4  5  More Semtech Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn