Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS4911B Fiches technique(PDF) 1 Page - Gennum Corporation

No de pièce GS4911B
Description  HD/SD/Graphics Clock and Timing Generator with GENLOCK
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4911B Fiches technique(HTML) 1 Page - Gennum Corporation

  GS4911B Datasheet HTML 1Page - Gennum Corporation GS4911B Datasheet HTML 2Page - Gennum Corporation GS4911B Datasheet HTML 3Page - Gennum Corporation GS4911B Datasheet HTML 4Page - Gennum Corporation GS4911B Datasheet HTML 5Page - Gennum Corporation GS4911B Datasheet HTML 6Page - Gennum Corporation GS4911B Datasheet HTML 7Page - Gennum Corporation GS4911B Datasheet HTML 8Page - Gennum Corporation GS4911B Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
www.gennum.com
GS4911B/GS4910B
HD/SD/Graphics Clock and
Timing Generator with GENLOCK
GS4911B/GS4910B Data Sheet
36655 - 2
April 2006
1 of 113
Key Features
Video Clock Synthesis
Generates any video or graphics clock up to 165MHz
Pre-programmed for 8 video and 13 graphics clocks
Accuracy of free-running clock frequency limited only by
crystal reference
One differential and two single-ended video/graphics
clock outputs
Each clock may be individually delayed for skew control
Video output clock may be directly connected to
Gennum’s serializers for a SMPTE-compliant HD-SDI
output
Audio Clock Synthesis (GS4911B only)
Three audio clock outputs
Generates any audio clock up to 512*96kHz
Pre-programmed for 7 audio clocks
Timing Generation
Generates up to 8 timing signals at a time
Choose from 9 pre-programmed timing signals: H and V
sync and blanking, F Sync, F Digital, AFS (GS4911B
only), Display Enable, 10FID, and up to 4 user-defined
timing signals
Pre-programmed to generate timing for 35 different video
formats and 13 different graphic display formats
Genlock Capability
Clocks may be free-running or genlocked to an input
reference with a variable offset step size of 100-200ps
(depending on exact clock frequency)
Variable timing offset step size of 100-200ps up to one
frame
Output may be cross-locked to a different input reference
Freeze operation on loss of reference
Optional crash or drift lock on application of reference
Automatic input format detection
General Features
Reduces design complexity and saves board space -
9mm x 9mm package plus crystal reference replaces
multiple VCXOs, PLLs and timing generators
Pb-free and RoHS Compliant
Low power operation typically 300mW
1.8V core and 1.8V or 3.3V I/O power supplies
64-PIN QFN package
Applications
Video cameras; Digital audio and/or video recording/play
back devices; Digital audio and/or video processing
devices; Computer/video displays; DVD/MPEG devices;
Digital Set top boxes; Video projectors; High definition
video systems; Multi-media PC applications
Description
The GS4911B is a highly flexible, digitally controlled
clock synthesis circuit and timing generator with
genlock capability. It can be used to generate video and
audio clocks and timing signals, and allows multiple
devices to be genlocked to an input reference.
The GS4910B includes all the features of the GS4911B,
but does not offer audio clocks or AFS pulse generation.
The GS4911B/GS4910B will recognize input reference
signals conforming to 36 different video standards and
16 different graphic formats, and will genlock the output
timing information to the incoming reference. The
GS4911B/GS4910B supports cross-locking, allowing
the output to be genlocked to an incoming reference
that is different from the output video standard selected.
The user may select to output one of 8 different video
sample clock rates or 13 different graphic display clock
rates, or may program any clock frequency between
13.5MHz and 165MHz. The chosen clock frequency
can be further divided using internal dividers, and is
available on two video clock outputs and one LVDS
video clock output pair. The video clocks are frequency
and phased-locked to the horizontal timing reference,
and can be individually delayed with respect to the
timing outputs for clock skew control.
Eight user-selectable timing outputs are provided that
can automatically produce the following timing signals
for 35 different video formats and 13 different graphics
formats: HSync, Hblanking, VSync, Vblanking, F sync,
F digital, AFS (GS4911B only), DE, and 10FID. These
timing outputs may be locked to the input reference
signal for genlock timing and may be phase adjusted via
internal registers.
In addition, the GS4911B provides three audio sample
clock outputs that can produce audio clocks up to 512fs
with fs ranging from 9.7kHz to 96kHz. Audio to video
phasing is accomplished by an external 10FID input
reference, a 10FID signal specified via internal
registers, or a user-programmed audio frame
sequence.
The GS4911B/GS4910B is Pb-free, and the
encapsulation compound does not contain halogenated
flame retardant (RoHS Compliant).


Numéro de pièce similaire - GS4911B

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911BCNE3 GENNUM-GS4911BCNE3 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
More results

Description similaire - GS4911B

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4901B GENNUM-GS4901B Datasheet
1Mb / 95P
   SD Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
   DUAL GRAPHICS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com