Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1574-CNE3 Fiches technique(PDF) 11 Page - Gennum Corporation

No de pièce GS1574-CNE3
Description  GS1574 HD-LINX -TM II Adaptive Cable Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574-CNE3 Fiches technique(HTML) 11 Page - Gennum Corporation

Back Button GS1574-CNE3 Datasheet HTML 7Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 8Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 9Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 10Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 11Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 12Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 13Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 14Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
GS1574 Preliminary Data Sheet
Proprietary and Confidential
28854 - 2
December 2004
11 of 17
4. Detailed Description
The GS1574 is a high speed bipolar IC designed to equalize serial digital signals.
The GS1574 can equalize both HD and SD serial digital signals, and will typically
equalize greater than 140m of Belden 1694A cable at 1.485Gb/s and 350m at
270Mb/s.
The GS1574 is powered from a single +3.3V power supply and consumes
approximately 270mW of power.
4.1 Serial Digital Inputs
The serial data signal may be connected to the input pins (SDI/SDI) in either a
differential or single ended configuration. AC coupling of the inputs is
recommended, as the SDI and SDI inputs are internally biased at approximately
1.8V.
4.2 Cable Equalization
The input signal passes through a variable gain equalizing stage whose frequency
response closely matches the inverse of the cable loss characteristic. In addition,
the variation of the frequency response with control voltage imitates the variation
of the inverse cable loss characteristic with cable length.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by both an
internal and an external AGC filter capacitor providing a steady control voltage for
the gain stage. As the frequency response of the gain stage is automatically varied
by the application of negative feedback, the edge energy of the equalized signal is
kept at a constant level which is representative of the original edge energy at the
transmitter. The equalized signal is also DC restored, effectively restoring the logic
threshold of the equalized signal to its correct level independent of shifts due to AC
coupling. The digital output signals have a nominal voltage of 750mVpp differential,
or 375mVpp single ended when terminated with 50Ω as shown in Figure 4-1.


Numéro de pièce similaire - GS1574-CNE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
More results

Description similaire - GS1574-CNE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com