Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1560ACFE3 Fiches technique(PDF) 10 Page - Gennum Corporation

No de pièce GS1560ACFE3
Description  GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1560ACFE3 Fiches technique(HTML) 10 Page - Gennum Corporation

Back Button GS1560ACFE3 Datasheet HTML 6Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 7Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 8Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 9Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 10Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 11Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 12Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 13Page - Gennum Corporation GS1560ACFE3 Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
GS1560A/GS1561 Data Sheet
27360 - 8
September 2005
10 of 80
14
CD2
Non
Synchronous
Input
STATUS SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of a serial digital input signal. Normally
generated by a Gennum automatic cable equalizer.
When LOW, the serial digital input signal received at the DDI2 and DDI2
pins is considered valid.
When HIGH, the associated serial digital input signal is considered to be
invalid. In this case, the LOCKED signal is set LOW and all parallel outputs
are muted.
15, 17
DDI2, DDI2
Analog
Input
Differential input pair for serial digital input 2.
16
TERM2
Analog
Input
Termination for serial digital input 2. AC couple to PDBUFF_GND.
18
SMPTE_BYPASS
Non
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in slave mode, and will
be an output set by the device in master mode.
Master Mode (MASTER/SLAVE = HIGH)
The SMPTE_BYPASS signal will be HIGH only when the device has
locked to a SMPTE compliant data stream. It will be LOW otherwise.
Slave Mode (MASTER/SLAVE = LOW)
When set HIGH in conjunction with DVB_ASI = LOW, the device will be
configured to operate in SMPTE mode. All I/O processing features may be
enabled in this mode.
When set LOW, the device will not support the descrambling, decoding or
word alignment of received SMPTE data. No I/O processing features will
be available.
19
RSET
Analog
Input
GS1560A
Used to set the serial digital loop-through output signal amplitude. Connect
to CD_VDD through 281
Ω +/- 1% for 800mVp-p single-ended output swing.
NC
GS1561
No Connect.
20
CD_VDD
Power
GS1560A
Power supply connection for the serial digital cable driver. Connect to
+1.8V DC analog.
NC
GS1561
No Connect.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Numéro de pièce similaire - GS1560ACFE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1560ACFE3 GENNUM-GS1560ACFE3 Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1560ACFE3 GENNUM-GS1560ACFE3 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
More results

Description similaire - GS1560ACFE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com