Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BTN8050N3 Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce BTN8050N3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN8050N3 Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  BTN8050N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN8050N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN8050N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN8050N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C223N3-H
Issued Date : 2004.03.03
Revised Date :
Page No. : 3/4
BTN8050N3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE = 1V
VCE = 2V
VCE = 5V
Saturation Voltage vs Collector Current
1
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE(SAT) @ IC=10IB
VCE(SAT) @ IC=20IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(SAT) @ IC=10IB
On Voltage vs Collector Current
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(ON) @ VCE=1V
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature---TA(℃)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn