Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BTC4061N3 Fiches technique(PDF) 5 Page - Cystech Electonics Corp.

No de pièce BTC4061N3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC4061N3 Fiches technique(HTML) 5 Page - Cystech Electonics Corp.

  BTC4061N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC4061N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC4061N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTC4061N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTC4061N3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C209N3
Issued Date : 2002.05.11
Revised Date : 2005.06.01
Page No. : 5/5
BTC4061N3
CYStek Product Specification
SOT-23 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.085
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1083
2.10
2.75
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
H
J
K
D
A
L
G
V
C
B
3
2
1
S
Style: Pin 1.Base 2.Emitter 3.Collector
Marking:
TE
3-Lead SOT-23 Plastic
Surface Mounted Package
CYStek Package Code: N3
1D


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn