Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTC3906N3 Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce BTC3906N3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC3906N3 Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  BTC3906N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC3906N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC3906N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTC3906N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C208N3
Issued Date : 2002.05.11
Revised Date : 2005.01.12
Page No. : 1/4
BTC3906N3
CYStek Product Specification
General Purpose NPN Epitaxial Planar Transistor
BTC3906N3
Description
The BTC3906N3 is designed for general purpose applications requiring high breakdown voltage.
Features
• High collector-emitter breakdown voltage. (BVCEO=160V @ IC=1mA)
• Complement to BTA1514N3
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Power Dissipation (TA=25
°C)
PD
225 (Note)
mW
Power Dissipation (TC=25
°C)
PD
560
mW
Thermal Resistance, Junction to Ambient (Note )
RθJA
556 (Note)
°C/W
Thermal Resistance, Junction to Case
RθJC
223
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : Free air condition.
BTC3906N3
SOT-23
B:Base
C:Collector
E:Emitter


Numéro de pièce similaire - BTC3906N3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTC3906N3G CYSTEKEC-BTC3906N3G Datasheet
181Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
More results

Description similaire - BTC3906N3

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com