Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BTC945A3 Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce BTC945A3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC945A3 Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  BTC945A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 4Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C204A3
Issued Date : 2003.04.01
Revised Date : 2005.01.03
Page No. : 1 / 5
BTC945A3
CYStek Product Specification
General Purpose NPN Epitaxial Planar Transistor
BTC945A3
Description
• The BTC945A3 is designed for use in driver stage of AF amplifier and low speed switching.
• Complementary to BTA733A3.
• Pb-free package
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Base Current
IB
20
mA
Power Dissipation @Ta=25℃
Pd
625
mW
Thermal Resistance, Junction to Ambient
RθJA
200
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
TO-92
BTC945A3
B:Base
C:Collector
E:Emitter
E C B


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn