Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BTC945A3 Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce BTC945A3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC945A3 Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  BTC945A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 4Page - Cystech Electonics Corp. BTC945A3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C204A3
Issued Date : 2003.04.01
Revised Date : 2005.01.03
Page No. : 3 / 5
BTC945A3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
100
1000
0.1
1
10
100
1000
Collector Current--- IC(mA)
HFE@VCE=6V
Saturation Voltage vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current--- IC(mA)
VCE(SAT)@IC=10I
Saturation Voltage vs Collector Current
100
1000
0.1
1
10
100
1000
Collector Current ---IC(mA)
VBE(SAT)@IC=10IB
Cutoff Frequency vs Collector Current
0.1
1
1
10
100
Collector Current---IC(mA)
FT@VCE=6V
Power Derating Curve
0
100
200
300
400
500
600
700
0
50
100
150
Ambient Temperature---Ta(℃)


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn