Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA1300A3 Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce BTA1300A3
Description  Low VCE(SAT) PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1300A3 Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  BTA1300A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1300A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1300A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1300A3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C816A3
Issued Date : 2003.04.15
Revised Date :
Page No. : 3/4
BTA1300A3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=1V
Saturation Voltage vs Collector Current
1
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE(SAT)@IC=40IB
ON Voltage vs Collector Current
100
1000
0.1
1
10
100
1000
10000
Collector Current IC---(mA)
VBE(ON)@VCE=1V
Power Derating Curve
0
100
200
300
400
500
600
700
800
0
50
100
150
200
Ambient Temperature---TA(℃)


Numéro de pièce similaire - BTA1300A3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA10 STMICROELECTRONICS-BTA10 Datasheet
60Kb / 4P
   TRIACS
BTA10 STMICROELECTRONICS-BTA10 Datasheet
74Kb / 7P
   10A TRIACS
logo
Sirectifier Semiconduct...
BTA10 SIRECTIFIER-BTA10 Datasheet
256Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Unisonic Technologies
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
   10A TRIACS
More results

Description similaire - BTA1300A3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB1424AM3 CYSTEKEC-BTB1424AM3 Datasheet
175Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB5240N3 CYSTEKEC-BTB5240N3 Datasheet
290Kb / 8P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3_06 Datasheet
177Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3_06 Datasheet
231Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424LN3 CYSTEKEC-BTB1424LN3 Datasheet
162Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1386N3 CYSTEKEC-BTB1386N3 Datasheet
165Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3 Datasheet
253Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1426A3 CYSTEKEC-BTB1426A3 Datasheet
154Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTP2907SL3 CYSTEKEC-BTP2907SL3 Datasheet
264Kb / 7P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com