Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BTA1037N3 Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce BTA1037N3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1037N3 Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  BTA1037N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1037N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1037N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1037N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C306N3
Issued Date : 2002.05.11
Revised Date : 2002.10.31
Page No. : 2/4
BTA1037N3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-50uA
BVCEO
-50
-
-
V
IC=-1mA
BVEBO
-6
-
-
V
IE=-50uA
ICBO
-
-
-0.1
uA
VCB=-60V
IEBO
-
-
-0.1
uA
VEB=-6V
*VCE(sat)
-
-0.2
-0.5
V
IC=-50mA, IB=-5mA
*hFE
120
-
820
VCE=-6V, IC=-1mA
fT
60
140
-
MHz
VCE=-12V, IC=-2mA, f=30MHz
Cob
-
4.0
5.0
pF
VCB=-12V, f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE
Rank
Q
R
S
T
Range
120-270
180-390
270-560
410-820
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current---IC(mA)
HFE@VCE=6V
Saturation Voltage vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE(SAT)@IC=10IB


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn