Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54AN3 Fiches technique(PDF) 4 Page - Cystech Electonics Corp.

No de pièce BAT54AN3
Description  Small Signal Schottky (double) diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAT54AN3 Fiches technique(HTML) 4 Page - Cystech Electonics Corp.

  BAT54AN3 Datasheet HTML 1Page - Cystech Electonics Corp. BAT54AN3 Datasheet HTML 2Page - Cystech Electonics Corp. BAT54AN3 Datasheet HTML 3Page - Cystech Electonics Corp. BAT54AN3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C302N3-H
Issued Date : 2003.04.14
Revised Date :
Page No. : 4/4
BAT54N3/BAT54AN3/BAT54CN3/BAT54SN3
CYStek Product Specification
SOT-23 Dimension
• BAT54 N3: Single Diode
(Marking Code L4)
• BAT54AN3: Common Anode. (Marking Code L42)
• BAT54CN3: Common Cathode. (Marking Code L43)
• BAT54SN3: Series Connected. (Marking Code L44)
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.85
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1083
2.10
2.75
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
H
J
K
D
A
L
G
V
C
B
3
2
1
S
Marking:
L4_
Diagram:
3-Lead SOT-23 Plastic Surface Mounted
Package.
CYStek Package Code: N3
L4X


Numéro de pièce similaire - BAT54AN3

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Lunsure Electr...
BAT54A CHENYI-BAT54A Datasheet
72Kb / 3P
   250mWatt, 30volt schottky barrier diode
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Sangdest Microelectroni...
BAT54A SMC-BAT54A Datasheet
221Kb / 5P
   Negligible switching losses
logo
First Components Intern...
BAT54A FCI-BAT54A Datasheet
460Kb / 2P
   200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
Comchip Technology
BAT54A COMCHIP-BAT54A Datasheet
102Kb / 2P
   Surface Mount Schottky Diode
More results

Description similaire - BAT54AN3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BAT54XS3 CYSTEKEC-BAT54XS3 Datasheet
183Kb / 4P
   Small Signal Schottky (double) diodes
BAR40AS3 CYSTEKEC-BAR40AS3 Datasheet
236Kb / 6P
   Small Signal Schottky (double) diodes
BAS70AS3 CYSTEKEC-BAS70AS3 Datasheet
264Kb / 6P
   Small Signal Schottky (double) diodes
BAR40AN3 CYSTEKEC-BAR40AN3 Datasheet
246Kb / 7P
   Small Signal Schottky (double) diodes
BAR40CS3 CYSTEKEC-BAR40CS3 Datasheet
236Kb / 6P
   Small Signal Schottky (double) diodes
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com