Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DC590A-1 Fiches technique(PDF) 3 Page - Linear Integrated Systems

No de pièce DC590A-1
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAR [Linear Integrated Systems]
Site Internet  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

DC590A-1 Fiches technique(HTML) 3 Page - Linear Integrated Systems

  DC590A-1 Datasheet HTML 1Page - Linear Integrated Systems DC590A-1 Datasheet HTML 2Page - Linear Integrated Systems DC590A-1 Datasheet HTML 3Page - Linear Integrated Systems DC590A-1 Datasheet HTML 4Page - Linear Integrated Systems DC590A-1 Datasheet HTML 5Page - Linear Integrated Systems DC590A-1 Datasheet HTML 6Page - Linear Integrated Systems DC590A-1 Datasheet HTML 7Page - Linear Integrated Systems DC590A-1 Datasheet HTML 8Page - Linear Integrated Systems DC590A-1 Datasheet HTML 9Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590
USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL™ DEMO BOARDS
USEFUL SOFTWARE TOOLS
The QuickEval Demo software includes tools for auto-
matic software updates and for quickly retrieving rele-
vant documentation from the World Wide Web.
The Download Datasheets feature is particularly useful
to laptop users, who can use this feature to download
the data sheets and Quick Start guides in one step, thus
making them available even when the laptop is not con-
nected to the internet.
NOTE:
Adobe Acrobat reader is required to view the
documents and is available at http://www.adobe.com.
To use the tools:
Quit the demonstration circuit software or disconnect
the USB cable.
The main control panel appears.
To update the software (requires internet connection):
Choose Update from the Tools menu.
This automatically updates the main program and
drivers for individual demo circuits.
To view the Quick Start Guide:
Choose Quick Start Guide from the Tools menu.
To retrieve data sheets (requires internet connection):
Choose Download Datasheets from the Tools menu.
All datasheets and Quick Start guides for all products
in the QuickEval family are downloaded to the
QuickEval program folder and placed in the dsheets
folder.
OPTIONAL CONNECTIONS TO THE DC590
In most cases DC590 and the demonstration circuit un-
der evaluation can operate from available USB power,
and thus require nothing more than a USB connection to
the host PC and a ribbon connecting DC590 to the demo
circuit under evaluation. Figure 2 shows this basic
connection.
DC590 offers several other power options, described
below.
Isolated supply options
An external power supply is recommended to reduce the
load on the host computer’s USB port, especially in the
event of faults or short circuits.
An LT1425 switching power supply provides isolated
power to the demonstration circuit under evaluation and
to the isolation circuitry.
The LT1425 switching power supply is enabled by de-
fault but may be disabled by moving jumper JP1 (ISOL
PWR) to the OFF position. This allows the isolated side
3


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn