Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DC590A-1 Fiches technique(PDF) 1 Page - Linear Integrated Systems

No de pièce DC590A-1
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAR [Linear Integrated Systems]
Site Internet  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

DC590A-1 Fiches technique(HTML) 1 Page - Linear Integrated Systems

  DC590A-1 Datasheet HTML 1Page - Linear Integrated Systems DC590A-1 Datasheet HTML 2Page - Linear Integrated Systems DC590A-1 Datasheet HTML 3Page - Linear Integrated Systems DC590A-1 Datasheet HTML 4Page - Linear Integrated Systems DC590A-1 Datasheet HTML 5Page - Linear Integrated Systems DC590A-1 Datasheet HTML 6Page - Linear Integrated Systems DC590A-1 Datasheet HTML 7Page - Linear Integrated Systems DC590A-1 Datasheet HTML 8Page - Linear Integrated Systems DC590A-1 Datasheet HTML 9Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590
USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL™ DEMO BOARDS
DESCRIPTION
Demonstration circuit 590 is a USB-based digital con-
troller with generic Serial Peripheral Interface (SPI) and
Inter Integrated Circuit (I2C™) ports. It is designed to
mate with Linear Technology’s family of QuickEval™
demonstration boards. The demo board is fully isolated
from the host PC’s ground, and in many cases no exter-
nal power source is required. The evaluation software
automatically detects which demo board is connected
and loads the appropriate control screen.
This system facilitates quick performance evaluation of a
variety of products, including ADCs, DACs, SMBus
power control products, and others.
Figure 1 shows a block diagram of DC590. Power and
digital signal connections are made via a 14-conductor
ribbon cable. In many cases the controller can provide
power for the demonstration circuit as well as digital
signals. The demonstration circuit connections are fully
isolated from the host PC’s ground (earth ground.) Four
of the fourteen ribbon-cable conductors are referred to
earth ground. Thus the isolation barrier is not designed
to withstand large potential differences.
QuickEval is a trademark of Linear Technology Corporation; I
2C is a trademark of
Philips Electronics N.V.; Adobe is a trademark of Adobe Systems, Inc.
USB TO
I2C/SPI
CONTROLLER
USB
PORT
DATA
I/O
POWER
MANAGEMENT
LT1761
SWITCHER
SHUTDOWN
(JP1)
v+
vcc
5V
GND
DATA ISOLATION
(AGILENT HCPL-2300)
AUXILIARY
BOARD ID LINES
EXTERNAL
POWER
4
Figure 1. Block Diagram of Demonstration Circuit 590
1


Numéro de pièce similaire - DC590A-1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
DC590B LINER-DC590B Datasheet
2Mb / 13P
   USB SERIAL CONTROLLER
More results

Description similaire - DC590A-1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Integrated Syste...
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
   Quick start guide for the STR9 dongle demonstration board
logo
NXP Semiconductors
ADC1X13D NXP-ADC1X13D Datasheet
1Mb / 17P
   Quick Start Guide ADC1x13D ECP3 demo board
Rev. 1.2-January 2011
AN11281 NXP-AN11281 Datasheet
1Mb / 37P
   Quick Start Up Guide PREV601 Demo Board
Rev. 1.5-10 November 2013
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
   Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com