Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DC590A-1 Fiches technique(PDF) 6 Page - Linear Integrated Systems

No de pièce DC590A-1
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAR [Linear Integrated Systems]
Site Internet  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

DC590A-1 Fiches technique(HTML) 6 Page - Linear Integrated Systems

  DC590A-1 Datasheet HTML 1Page - Linear Integrated Systems DC590A-1 Datasheet HTML 2Page - Linear Integrated Systems DC590A-1 Datasheet HTML 3Page - Linear Integrated Systems DC590A-1 Datasheet HTML 4Page - Linear Integrated Systems DC590A-1 Datasheet HTML 5Page - Linear Integrated Systems DC590A-1 Datasheet HTML 6Page - Linear Integrated Systems DC590A-1 Datasheet HTML 7Page - Linear Integrated Systems DC590A-1 Datasheet HTML 8Page - Linear Integrated Systems DC590A-1 Datasheet HTML 9Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
PLACE CLOSE TO
LT1425CS
ISOLATED SECTION
1. ALL RESISTORS ARE IN OHMS, 0603.
NOTES: UNLESS OTHERWISE SPECIFIED
ALL CAPACITORS ARE IN MICROFARADS, 0603.
2. INSTALL SHUNT ON JP1 PIN 2 AND 3.
ISOL PWR
ON
OFF
A
DC590A-1
Wednesday, December 18, 2002
13
USB SERIAL CONTROLLER
KIM T.
MARK T.
A
SIZE
DATE:
DWG NO.
REV
SHEET
OF
TITLE:
CONTRACT NO.
APPROVALS
DRAWN:
CHECKED:
APPROVED:
ENGINEER:
DESIGNER:
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
VIN
ISO_PWR_SHDN/
ISO_PWR
VCC
VCC
VCC
USBVCC
VCCA
USBVCC
VCC
C6
220PF
U2
LT1425CS
9
10
11
13
12
16
1
2
3
4
15
5
14
6
7
8
GND
PGND
VSW
RCCOMP
VIN
GND
GND
NC
RFB
VC
SHDN
RREF
ROCOMP
SYNC
SGND
GND
T1
CTX02-13483
4
3
1
2
C2
2.2,16V
1206
R9
10K
T2
CTX8-1P
4
3
1
2
U1
LT1761ES5-5
4
5
1
2
3
BYP
OUT
IN
GND
SHDN
R2
1.5K
D1
ZHCS1000
3
1
C8
0.1
J1
CUI, PJ-002A
WALL ADAPTER INPUT
2
3
1
LED1
LN1351C
GREEN
ISOL PWR
C5
2.2,16V
1206
R8
15K
R7
3.01K
U3
LT1129CST-5
1
2
3
4
IN
GND
OUT
GND
C10
0.1
C9
0.1,50V
0805
E3
7V
C4
OPT
R1
75
JP1
2
U4
LTC4412ES6
4
6
1
2
3
5
STAT
SENSE
VIN
GND
CTL
GATE
D6
ZHCS1000
3
1
R6
20K
C11
22,6.3V
1210
C3
4.7,16V
1206
E2
GND
R4
75
R13
2K
E1
5V
C1
220PF
R5
100K
Q1
FDN306P
3
2
R3
17.8K
E4
VIN
7-12V
C7
1000PF
E5
GND


Numéro de pièce similaire - DC590A-1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
DC590B LINER-DC590B Datasheet
2Mb / 13P
   USB SERIAL CONTROLLER
More results

Description similaire - DC590A-1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Integrated Syste...
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
   Quick start guide for the STR9 dongle demonstration board
logo
NXP Semiconductors
ADC1X13D NXP-ADC1X13D Datasheet
1Mb / 17P
   Quick Start Guide ADC1x13D ECP3 demo board
Rev. 1.2-January 2011
AN11281 NXP-AN11281 Datasheet
1Mb / 37P
   Quick Start Up Guide PREV601 Demo Board
Rev. 1.5-10 November 2013
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
   Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com