Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DC590A-1 Fiches technique(PDF) 5 Page - Linear Integrated Systems

No de pièce DC590A-1
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAR [Linear Integrated Systems]
Site Internet  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

DC590A-1 Fiches technique(HTML) 5 Page - Linear Integrated Systems

  DC590A-1 Datasheet HTML 1Page - Linear Integrated Systems DC590A-1 Datasheet HTML 2Page - Linear Integrated Systems DC590A-1 Datasheet HTML 3Page - Linear Integrated Systems DC590A-1 Datasheet HTML 4Page - Linear Integrated Systems DC590A-1 Datasheet HTML 5Page - Linear Integrated Systems DC590A-1 Datasheet HTML 6Page - Linear Integrated Systems DC590A-1 Datasheet HTML 7Page - Linear Integrated Systems DC590A-1 Datasheet HTML 8Page - Linear Integrated Systems DC590A-1 Datasheet HTML 9Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590
USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL™ DEMO BOARDS
LED INDICATORS
Two LED indicators are provided. The “ISOL PWR” LED
is lit when either the onboard switching power supply is
running or external power is applied to the isolated side
of the board.
The “COMMAND” LED indicates that a command has
been sent to the board by the host PC and is waiting to
be executed. The LED may not appear to be blinking in
some cases, as the duty cycle may be very short.
CIRCUIT DETAILS
Schematics for the isolated power supply and optical
signal isolation are attached to the end of this Quick
Start Guide. Example microcontroller code is device-
specific, and may be included in the Quick Start Guide
for the demonstration circuit under evaluation.
OPTICAL ISOLATION
The optical isolation scheme based on the Agilent HCPL
2300 high speed opto isolator and is designed to allow
bidirectional SPI and I2C communications. Isolation
schemes that are designed for only SPI or I2C will differ
slightly. Contact Linear Technology Applications Engi-
neering for more information.
SWITCHING POWER SUPPLY
The onboard switching supply is based on the LT1425
flyback regulator. Feedback is taken from the primary
side of T1, eliminating the need for optical feedback. T2
and C9 provide common mode filtering. Refer to the
LT1425
data
sheet
for
details
of
operation.
TROUBLESHOOTING GUIDE
DC590 is plugged in, but QuickEval screen
still says “USB Serial Controller Not Connected”
The most likely cause is improper installa-
tion of the USB drivers, which causes Windows to rec-
ognize DC590 as an “Unknown Device.” Open the Win-
dows Control Panel, open “System” and click the “De-
vice manager” tab. Open the “Other Devices” item and
look for USB SERIAL CONTROLLER. Select this item and
click the remove button. Unplug DC590, Re-install the
QuickEval software, and follow the on-screen instruc-
tions.
Demo board software loads properly, but will
not run or gives “Device Not accessible” errors.
Verify that the demo board is properly
powered up. This Quick Start Guide lists the basic power
connections to DC590. Some demo boards may have
additional requirements; refer to the demo board’s Quick
Start guide for details.
Solution:
Problem:
Solution:
After connecting the demo board to DC590
with the supplied 14 pin ribbon cable, QuickEval soft-
ware still displays “Evaluation Board is not Connected.”
Problem:
Contact Linear Technology Applications
Engineering.
Solution:
Problem:
5


Numéro de pièce similaire - DC590A-1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
DC590B LINER-DC590B Datasheet
2Mb / 13P
   USB SERIAL CONTROLLER
More results

Description similaire - DC590A-1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Integrated Syste...
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
   Quick start guide for the STR9 dongle demonstration board
logo
NXP Semiconductors
ADC1X13D NXP-ADC1X13D Datasheet
1Mb / 17P
   Quick Start Guide ADC1x13D ECP3 demo board
Rev. 1.2-January 2011
AN11281 NXP-AN11281 Datasheet
1Mb / 37P
   Quick Start Up Guide PREV601 Demo Board
Rev. 1.5-10 November 2013
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
   Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com